Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4541 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4541
Description  high-speed SD card protection and filtering devices
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4541 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4541 Datasheet HTML 5Page - STMicroelectronics AN4541 Datasheet HTML 6Page - STMicroelectronics AN4541 Datasheet HTML 7Page - STMicroelectronics AN4541 Datasheet HTML 8Page - STMicroelectronics AN4541 Datasheet HTML 9Page - STMicroelectronics AN4541 Datasheet HTML 10Page - STMicroelectronics AN4541 Datasheet HTML 11Page - STMicroelectronics AN4541 Datasheet HTML 12Page - STMicroelectronics AN4541 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DocID026513 Rev 1
9/21
AN4541
SD3.0 constrains
21
4
SD3.0 constrains
As the SD standard requires that data lines are pulled-up to VDD, the STMicroelectronics
EMIF devices include pull-up resistors on each line (Figure 1). The standard specifies 10
kΩ≤ RPULL-UP 100 k(90 kfor RDAT3).
One of the main issues for UHS-I compliance is to manage the capacitance budget of the
link host-card. The recommended approximate value is 21 pF (Physical Layer specification,
table 6-12, page 159), including the SD card capacitance that is assumed to be equal to
10 pF maximum. Therefore, only 11 pF remain for the printed circuit board, the SD card
connector and the protection. The typical capacitance of a µSD card connector is measured
at 0.5 pF (Figure 10).
Figure 10. Connector parasitic capacitance
The line capacitance of the EMIF devices is 7.5 pF for 1.8 V signaling (Figure 11).
Figure 11. Connector parasitic capacitance
The CBUS capacitance must therefore be around 3 pF.
These values are critical for obtaining the highest SD card bit rate specifications, currently
around 95 MB/s in read mode and 90 MB/s in write mode for SDXC card types.
The rise and fall times specified by the standard are less than 0.96 ns and the maximum
clock frequency is 208 MHz.
Figure 12 shows the test setup used to perform the different time measurements on the SD
link. A High-speed card reader working on USB3.0 is connected to a PC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com