Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4541 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4541
Description  high-speed SD card protection and filtering devices
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4541 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4541 Datasheet HTML 7Page - STMicroelectronics AN4541 Datasheet HTML 8Page - STMicroelectronics AN4541 Datasheet HTML 9Page - STMicroelectronics AN4541 Datasheet HTML 10Page - STMicroelectronics AN4541 Datasheet HTML 11Page - STMicroelectronics AN4541 Datasheet HTML 12Page - STMicroelectronics AN4541 Datasheet HTML 13Page - STMicroelectronics AN4541 Datasheet HTML 14Page - STMicroelectronics AN4541 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
DocID026513 Rev 1
11/21
AN4541
SD3.0 constrains
21
Figure 14. Data rate evaluation on the SD3.0 tested link
The approximate 80 MB/s data rate in read and write mode is close to the specified value.
Figure 15 shows the clock signal for measuring the rise and fall times. tR and tF are
measured between 0.58 V and 1.27 V (VIL max and VIH min corresponding to VDD supply
voltage): tR and tF are lower than 0.96 ns, the specified maximum value in the SD3.0
standard.
Figure 15. Clock signal on the SD3.0 tested link
To facilitate the testing of the protection device, an interface board is inserted between the
card and the host (Figure 16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com