Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4541 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4541
Description  high-speed SD card protection and filtering devices
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4541 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4541 Datasheet HTML 10Page - STMicroelectronics AN4541 Datasheet HTML 11Page - STMicroelectronics AN4541 Datasheet HTML 12Page - STMicroelectronics AN4541 Datasheet HTML 13Page - STMicroelectronics AN4541 Datasheet HTML 14Page - STMicroelectronics AN4541 Datasheet HTML 15Page - STMicroelectronics AN4541 Datasheet HTML 16Page - STMicroelectronics AN4541 Datasheet HTML 17Page - STMicroelectronics AN4541 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
SD3.0 constrains
AN4541
14/21
DocID026513 Rev 1
The clock signal waveform is shown in Figure 21.
Figure 21. Clock signal on the SD3.0 tested link with EMIF06-MSD04F3 and its demo
PCB
The characteristics of the Host are adapted to ensure the system obtains the best balance,
even if the added filter does not impact the link greatly: the data rate only decreases from
62.3-61.1 MB/s to 61.4-60.5 MB/s.
We can therefore conclude that the filter alone between the host and the card can maintain
the maximum capacitance value of the link below the maximum recommended value, which
in turn guarantees the maximum data rate of the card.
The EMIF06-MSD04F3, loaded with 10 pF (capacitance equivalent to the SD card) and
driven by a pulse generator having a 50 Ω line impedance, outputs the waveforms shown in
Figure 22. Its shows that rise and fall times are in accordance with the SD3.0 standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com