Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4541 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4541
Description  high-speed SD card protection and filtering devices
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4541 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4541 Datasheet HTML 13Page - STMicroelectronics AN4541 Datasheet HTML 14Page - STMicroelectronics AN4541 Datasheet HTML 15Page - STMicroelectronics AN4541 Datasheet HTML 16Page - STMicroelectronics AN4541 Datasheet HTML 17Page - STMicroelectronics AN4541 Datasheet HTML 18Page - STMicroelectronics AN4541 Datasheet HTML 19Page - STMicroelectronics AN4541 Datasheet HTML 20Page - STMicroelectronics AN4541 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Card detection
AN4541
18/21
DocID026513 Rev 1
6
Card detection
Mechanical or electrical card detection can be implemented.
The EMIF06-MSD03F3 device can be chosen for applications requiring electrical card
detection. This filter has the same electrical characteristics as the EMIF06-MSD04F3, but
the CD/Dat3 pin is disconnected from the VDD host side (Figure 5). After the power-up, this
pin is connected to VDD through the internal 50 kΩ pull-up resistor of the SD card; the host
can drive a pull-down resistor (typically 470 kΩ) connected to this pin and detect the logic
level change, specifically, card insertion. After this sequence, the internal 50 kΩ resistor
must be disconnected by the SET_CLR_CARD_DETECT command (ACMD42).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com