Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST083S Datasheet(PDF) 4 Page - International Rectifier

Part # ST083S
Description  INVERTER GRADE THYRISTORS Stud Version
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST083S Datasheet(HTML) 4 Page - International Rectifier

  ST083S Datasheet HTML 1Page - International Rectifier ST083S Datasheet HTML 2Page - International Rectifier ST083S Datasheet HTML 3Page - International Rectifier ST083S Datasheet HTML 4Page - International Rectifier ST083S Datasheet HTML 5Page - International Rectifier ST083S Datasheet HTML 6Page - International Rectifier ST083S Datasheet HTML 7Page - International Rectifier ST083S Datasheet HTML 8Page - International Rectifier ST083S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ST083S Series
1
- Thyristor
2
- Essential part number
3
- 3 = Fast turn off
4
- S = Compression bonding Stud
5
- Voltage code: Code x 100 = V
RRM
(See Voltage Ratings Table)
6
- P = Stud Base 1/2" 20UNF
7
- Reapplied dv/dt code (for t
q
Test Condition)
8
-t
q
code
9
- 0 = Eyelet terminals (Gate and Aux. Cathode Leads)
1 = Fast-on terminals (Gate and Aux. Cathode Leads)
2 = Flag terminals (For Cathode and Gate Terminals)
- Critical dv/dt:
None = 500V/µsec (Standard value)
L
= 1000V/µsec (Special selection)
dv/dt - t
q combinations available
dv/dt (V/µs)
20
50
100
200
400
t
q
(µs)
10
CN
DN
EN
FN *
HN
12
CM
DM
EM
FM *
HM
15
CL
DL
EL
FL
HL
18
CP
DP
EP
FP *
HP
20
CK
DK
EK
FK *
HK
t
q
(µs)
15
CL
--
--
--
--
18
CP
DP
EP
FP *
--
20
CK
DK
EK
FK *
HK
25
CJ
DJ
EJ
FJ
HJ
30
--
DH
EH
FH
HH
T
J
Max. junction operating temperature range
-40 to 125
T
stg
Max. storage temperature range
-40 to 150
R
thJC
Max. thermal resistance, junction to case
0.195
DC operation
R
thCS
Max. thermal resistance, case to heatsink
0.08
Mounting surface, smooth, flat and greased
T
Mounting torque, ± 10%
15.5
Nm
(137)
(Ibf-in)
14
Nm
(120)
(Ibf-in)
wt
Approximate weight
130
g
Case style
TO-209AC (TO-94)
See Outline Table
Parameter
ST083S
Units
Conditions
Thermal and Mechanical Specifications
°C
K/W
Non lubricated threads
Lubricated threads
Ordering Information Table
5
6
8
9
ST
08
3
S
12
P
F
K
0
34
10
7
Device Code
12
∆R
thJC
Conduction
(The following table shows the increment of thermal resistence R
thJC
when devices operate at different conduction angles than DC)
180°
0.034
0.025
120°
0.041
0.042
90°
0.052
0.056
K/W
T
J
= T
J
max.
60°
0.076
0.079
30°
0.126
0.127
Conduction angle
Sinusoidal conduction
Rectangular conduction Units
Conditions
*Standard part number.
All other types available only on request.
only for
1000/1200V
up to 800V
10
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com