Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST083S Datasheet(PDF) 7 Page - International Rectifier

Part # ST083S
Description  INVERTER GRADE THYRISTORS Stud Version
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST083S Datasheet(HTML) 7 Page - International Rectifier

  ST083S Datasheet HTML 1Page - International Rectifier ST083S Datasheet HTML 2Page - International Rectifier ST083S Datasheet HTML 3Page - International Rectifier ST083S Datasheet HTML 4Page - International Rectifier ST083S Datasheet HTML 5Page - International Rectifier ST083S Datasheet HTML 6Page - International Rectifier ST083S Datasheet HTML 7Page - International Rectifier ST083S Datasheet HTML 8Page - International Rectifier ST083S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ST083S Series
Fig. 9 - Reverse Recovered Charge Characteristics
Fig. 10 - Reverse Recovery Current Characteristics
Fig. 7 - On-state Voltage Drop Characteristics
Fig. 8 - Thermal Impedance Z
thJC
Characteristic
Fig. 5 - Maximum Non-repetitive Surge Current
Fig. 6 - Maximum Non-repetitive Surge Current
1000
1200
1400
1600
1800
2000
2200
1
10
100
Number Of Equal Amplitude Ha lf Cyc le Current Pulses (N)
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
ST083SSeries
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
1000
1200
1400
1600
1800
2000
2200
2400
2600
0.01
0.1
1
Pulse Train Duration (s)
VersusPulse Train Duration. Control
Of Conduction May Not Be Maintained.
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
ST083SSeries
Maximum Non Repetitive Surge Current
100
1000
10000
1 1.5 2 2.533.544.555.566.5
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
ST083SSeries
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
ST083SSeries
Steady State Value
R
= 0.195 K/ W
(DC Operation)
thJC
10
20
30
40
50
60
70
80
90
100
110
120
10
20
30
40
50
60
70
80
90 100
Rate Of Fall Of Forward Current - di/ dt (A/µs)
ST083SSeries
T = 125 °C
I
= 500 A
300 A
200 A
J
100 A
50 A
TM
20
40
60
80
100
120
140
160
10
20
30
40
50
60
70
80
90 100
ST083SSeries
T = 125 °C
I
= 500 A
300 A
200 A
J
100 A
50 A
Rate Of Fall Of On-state Current - di/d t (A/ µs)
TM
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com