Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST083S Datasheet(PDF) 9 Page - International Rectifier

Part # ST083S
Description  INVERTER GRADE THYRISTORS Stud Version
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST083S Datasheet(HTML) 9 Page - International Rectifier

  ST083S Datasheet HTML 1Page - International Rectifier ST083S Datasheet HTML 2Page - International Rectifier ST083S Datasheet HTML 3Page - International Rectifier ST083S Datasheet HTML 4Page - International Rectifier ST083S Datasheet HTML 5Page - International Rectifier ST083S Datasheet HTML 6Page - International Rectifier ST083S Datasheet HTML 7Page - International Rectifier ST083S Datasheet HTML 8Page - International Rectifier ST083S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
ST083S Series
Fig. 14 - Maximum On-state Energy Power Loss Characteristics
Fig. 15 - Gate Characteristics
0.1
1
10
100
0.001
0.01
0.1
1
10
100
VGD
IGD
(b )
(a )
(1)
(2)
Inst ant a ne ous Ga te C urrent (A)
Rec tangula r ga te pulse
a) Recommended load line for
b) Recommend ed load line fo r
<=30% ra ted d i/ d t : 10V, 10ohm s
rate d d i/ d t : 20V, 10o hms; tr<=1 µs
tr<=1 µs
(1) PGM = 10W, tp = 20ms
(2) PGM = 20W, tp = 10ms
(3) PGM = 40W, tp = 5m s
(4) PGM = 60W, tp = 3.3m s
(3)
Devic e: ST083SSeries
(4)
Freq uenc y Lim ited b y PG(AV)
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
Pulse Basewidth (µs)
20 joulesper pulse
2
1
0.5
0.3
0.2
0.1
ST083SSeries
Sinusoidal pulse
10
5
3
tp
1E4 1E1
1E2
1E3
1E4
Pulse Basewidth (µs)
ST083SSeries
Rectangular pulse
di/ dt = 50A/ µs
20 joulesp er pulse
7.5
4
2
1
0.5
0.3
0.2
0.1
tp
1E1
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com