Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST083S Datasheet(PDF) 2 Page - International Rectifier

Part # ST083S
Description  INVERTER GRADE THYRISTORS Stud Version
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST083S Datasheet(HTML) 2 Page - International Rectifier

  ST083S Datasheet HTML 1Page - International Rectifier ST083S Datasheet HTML 2Page - International Rectifier ST083S Datasheet HTML 3Page - International Rectifier ST083S Datasheet HTML 4Page - International Rectifier ST083S Datasheet HTML 5Page - International Rectifier ST083S Datasheet HTML 6Page - International Rectifier ST083S Datasheet HTML 7Page - International Rectifier ST083S Datasheet HTML 8Page - International Rectifier ST083S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ST083S Series
Voltage
V
DRM
/V
RRM
, maximum
V
RSM
, maximum
I
DRM
/I
RRM
max.
Type number
Code
repetitive peak voltage
non-repetitive peak voltage
@ T
J
= T
J
max.
VV
mA
04
400
500
08
800
900
10
1000
1100
12
1200
1300
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Frequency
Units
50Hz
210
120
330
270
2540
1930
400Hz
200
120
350
210
1190
810
1000Hz
150
80
320
190
630
400
A
2500Hz
70
25
220
85
250
100
Recovery voltage Vr
50
50
50
50
50
50
Voltage before turn-on Vd
V
DRM
V
DRM
V
DRM
Rise of on-state currentdi/dt
50
50
-
-
-
-
A/
µs
Case temperature
60
85
60
85
60
85
°C
Equivalent values for RC circuit
22
Ω / 0.15µF
22
Ω / 0.15µF
22
Ω / 0.15µF
I
TM
180oel
180oel
100
µs
I
TM
I
TM
Current Carrying Capability
V
I
T(AV)
Max. average on-state current
85
A
180° conduction, half sine wave
@ Case temperature
85
°C
I
T(RMS)
Max. RMS on-state current
135
DC @ 77°C case temperature
I
TSM
Max. peak, one half cycle,
2450
t = 10ms
No voltage
non-repetitive surge current
2560
A
t = 8.3ms
reapplied
2060
t = 10ms
100% V
RRM
2160
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
30
t = 10ms
No voltage
Initial T
J
= T
J
max
27
t = 8.3ms
reapplied
21
t = 10ms
100% V
RRM
19
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
300
KA2
√s t = 0.1 to 10ms, no voltage reapplied
Parameter
ST083S
Units
Conditions
On-state Conduction
KA2s
ST083S
30
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com