Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1317 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1317
Description  NON ISOLATED POWER SUPPLIES IN BUCK AND INVERTER CONFIGURATION USING VIPer20 DEVICE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1317 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1317 Datasheet HTML 9Page - STMicroelectronics AN1317 Datasheet HTML 10Page - STMicroelectronics AN1317 Datasheet HTML 11Page - STMicroelectronics AN1317 Datasheet HTML 12Page - STMicroelectronics AN1317 Datasheet HTML 13Page - STMicroelectronics AN1317 Datasheet HTML 14Page - STMicroelectronics AN1317 Datasheet HTML 15Page - STMicroelectronics AN1317 Datasheet HTML 16Page - STMicroelectronics AN1317 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
AN1317 - APPLICATION NOTE
4. MEASUREMENT RESULTS
The following graphs show typical results using the schematics of fig. 1 and fig. 5. Unless specified, the
measurements are done at ambient temperature.
4.1 Buck And Inverter Output Characteristics
Figure 9: Typical output characteristic of the Buck topology
Figure 10: Buck non isolated - Output voltage at low load and low input voltage
0
50
100
150
200
250
300
Iout (mA)
7
8
9
10
11
12
13
14
15
16
Vout (V)
Vin = 100V
Vin = 200V
Vin = 300V
20
30
40
50
60
70
80
90
Vin (V)
6
8
10
12
14
16
Vout (V)
-100mA
-30mA
-5mA
0mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com