Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1317 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1317
Description  NON ISOLATED POWER SUPPLIES IN BUCK AND INVERTER CONFIGURATION USING VIPer20 DEVICE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1317 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1317 Datasheet HTML 10Page - STMicroelectronics AN1317 Datasheet HTML 11Page - STMicroelectronics AN1317 Datasheet HTML 12Page - STMicroelectronics AN1317 Datasheet HTML 13Page - STMicroelectronics AN1317 Datasheet HTML 14Page - STMicroelectronics AN1317 Datasheet HTML 15Page - STMicroelectronics AN1317 Datasheet HTML 16Page - STMicroelectronics AN1317 Datasheet HTML 17Page - STMicroelectronics AN1317 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14/23
AN1317 - APPLICATION NOTE
Fig. 10 illustrates the Buck behavior in low load and low input voltage conditions, as described in section
2.1. The output voltage is clamped to 15V by the zener diode.
At the opposite, as shown in fig. 11 and fig. 12, the output voltage regulation of the Inverter is much better
whatever are the load and the input voltage.
Figure 11: Typical output characteristic of the fig. 5 Inverter schematic
Figure 12: Inverter non isolated - Output voltage versus load and input voltage
0
50
100
150
200
250
300
-Iout (mA)
7
8
9
10
11
12
13
14
-Vout (V)
Vin = 200V
Vin = 100V
Vin = 300V
0
50
100
150
200
250
300
350
Vin (V)
0
5
10
15
-Vout (V)
-100mA
-30mA
-5mA
0mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com