Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1317 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1317
Description  NON ISOLATED POWER SUPPLIES IN BUCK AND INVERTER CONFIGURATION USING VIPer20 DEVICE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1317 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1317 Datasheet HTML 15Page - STMicroelectronics AN1317 Datasheet HTML 16Page - STMicroelectronics AN1317 Datasheet HTML 17Page - STMicroelectronics AN1317 Datasheet HTML 18Page - STMicroelectronics AN1317 Datasheet HTML 19Page - STMicroelectronics AN1317 Datasheet HTML 20Page - STMicroelectronics AN1317 Datasheet HTML 21Page - STMicroelectronics AN1317 Datasheet HTML 22Page - STMicroelectronics AN1317 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21/23
AN1317 - APPLICATION NOTE
5.2 Adjustable Output Voltage Structures
On the schematics of fig. 1 and 5, the output voltage is fixed and equal to the reference voltage of the
VIPer20, that is to say 13 V. When different voltages are needed, it is possible to modify these basic
structures to get other values.
Fig. 24 presents a +23V output non isolated Buck converter with a zener diode DZ2 in series with the
VDD pin which imposes the output voltage to be 10 V higher than the reference of the VIPer20. As a
results, the output voltage will be regulated at +23 V.
The resistor R1, optionally added here on the line input, is an example of an inrush limiter and filter.
When lower output voltages are specified, an another configuration can be used, as shown on fig. 25. An
inductor with an intermediate tap is used in order to deliver a -5 V. This inductor can be of the same type
than an inexpensive drum vertically mounted on a PCB, except that three pins are provided instead of
two for a standard inductor.
Figure 24: Buck non isolated - Output voltage increased
13V
OSC
COMP
SOURCE
DRAIN
VDD
-
+
U1
VIPer20
R3
3.9k
C4
100nF
10k
R2
C3
10nF
D1
1N4007
C1
22uF
400V
L1
470uH
D3
BYT01-400V
C5
33uF
16V
D2
BYT01-400V
C2
10uF
16V
DZ1
BZX55CxxV
C6
2.2uF
35V
DZ2
BZX55C10V
AC IN
AC IN
+23V
GND OUT
100
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com