Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1317 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN1317
Description  NON ISOLATED POWER SUPPLIES IN BUCK AND INVERTER CONFIGURATION USING VIPer20 DEVICE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1317 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN1317 Datasheet HTML 15Page - STMicroelectronics AN1317 Datasheet HTML 16Page - STMicroelectronics AN1317 Datasheet HTML 17Page - STMicroelectronics AN1317 Datasheet HTML 18Page - STMicroelectronics AN1317 Datasheet HTML 19Page - STMicroelectronics AN1317 Datasheet HTML 20Page - STMicroelectronics AN1317 Datasheet HTML 21Page - STMicroelectronics AN1317 Datasheet HTML 22Page - STMicroelectronics AN1317 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
22/23
AN1317 - APPLICATION NOTE
Figure 25: Non isolated inverter - Reduced output voltage.
6. CONCLUSION
It has been demonstrated that the simple topologies as the Buck or the inverter can be used directly on
off line applications to build efficient non isolated power supplies in the range of a few watts. A VIPer20
device can minimize the total number of components by offering the error amplifier, the PWM and the
Power MOSFET together inside a single piece of silicon.
A special care must be taken when designing the Buck topology, as it can provide serious output
overvoltages in case of low input voltage, and/or low output load. A simple zener diode on the output, or
a more efficient switching frequency shifter network can overcome this issue.
The benefits of such low power structures over more conventional 50 Hz transformers followed by
rectifiers, filters and serial regulators can be listed as follow:
• Wide range of input voltages with good output regulation
• Higher efficiency and lower standby consumption
• Lighter weight, with direct implementation on a standard PCB
AC IN
-xxV
GND OUT
AC IN
D1
1N4007
C3
10nF
D2
BYT01-400V
D3
BYT01-400V
C1
1uF
400V
13V
OSC
COMP
SOURCE
DRAIN
VDD
-
+
U1
VIPer20
C5
22uF
16V
L1
470uH
R3
3.9k
C2
10uF
16V
C4
100nF
R2
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com