Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1537 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1537
Description  A SIMPLE TRICK ENHANCES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1537 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1537 Datasheet HTML 1Page - STMicroelectronics AN1537 Datasheet HTML 2Page - STMicroelectronics AN1537 Datasheet HTML 3Page - STMicroelectronics AN1537 Datasheet HTML 4Page - STMicroelectronics AN1537 Datasheet HTML 5Page - STMicroelectronics AN1537 Datasheet HTML 6Page - STMicroelectronics AN1537 Datasheet HTML 7Page - STMicroelectronics AN1537 Datasheet HTML 8Page - STMicroelectronics AN1537 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AN1537 APPLICATION NOTE
2/18
it is possible to adjust the thresholds in terms of input power level (PNO, PSB) by adding a DC offset on its current
sense input (pin 13, ISEN). Reference [2] provides plenty of details on this function and its usage.
There is a maximum abrupt frequency shift allowed, which is related to the amount of hysteresis: the theoretical
maximum ratio of fosc to fSB is 5.59, however this value does not account for the dynamic changes of VCOMP
during the transients resulting from the frequency shift. As a matter of fact, depending on the closed-loop char-
acteristics of the voltage control loop and on the amplitude of the load change that causes the frequency shift,
VCOMP may overshoot or undershoot before reaching its new steady-state value (see figure 1). If during a tran-
sient the other threshold is crossed, VCOMP may bounce from one threshold to the other and the switching fre-
quency be unstable, going back and forth from one value to the other. As a result, the practical limit is less than
the theoretical value, probably less than 4 and, at any rate, the control loop dynamics needs to be kept relatively
slow to limit the aptitude of VCOMP to under- or overshooting.
In [2] it is explained also that the addition of a DC offset on the current sense pin increases the maximum fosc
to fSB ratio allowed. However, this technique is suitable for allowing a higher fosc with a given fSB. The lower limit
on fSB is determined by other considerations: if it is in the audible range (< 16kHz), the transformer will very likely
generate audible noise, especially at power levels where the frequency is about to shift back to fosc, because of
the high peak current involved.
Often, instead, for a given fosc an fSB as low as possible would be required to meet the latest design targets
aimed at complying even with the most severe energy saving standards. In this case it would be desirable to
have a very low frequency under no-load conditions, where the peak current is too small to be able to generate
audible noise, and a frequency above the audible range at power levels where audible noise issues may arise.
This is exactly the purpose of the modification to the oscillator proposed in the following section.
Standby function improvement
To realize the aforementioned function, the oscillator frequency needs to be dependent on converter's load con-
ditions - the lower the load, the lower the frequency and vice versa - and only when this is useful, that is at light
load. This can be done by adding few parts to the oscillator of the L5991, as shown in figure 2.
Assuming a perfect matching of the two diodes (with a common-cathode dual diode like the BAV70 this is closer
to reality), when VCOMP falls below 3V (oscillator's peak voltage) some of the current that charges CT is diverted
to ground through RC, D1 an R'. In this way the rate of rise of the voltage across CT is slowed down and the
oscillator frequency decreased, the lower VCOMP the lower the frequency. Instead, when VCOMP is greater than
3V D1 isolates RC and the oscillator frequency will be either fosc or fSB, like in the standard L5991 oscillator cir-
cuit. RA, RB and CT can be then calculated as usual with the formulae given in [1]; as to the determination of RC
and R' please refer to the appendix.
Figure 2. Oscillator modification to improve Standby function
D2 compensates for the temperature shift of the forward voltage drop VF of D1. Considering that the current
flowing through the diodes is in the hundred µA or less, D1 and D2 dissipate negligible power and only ambient
temperature affects their VF. Assuming D1 and D2 match perfectly, neither oscillator frequency nor the point
where RC comes into play will depend on ambient temperature. In real-world operation, considering also that
D1 and D2 do not usually carry the same current, a minimum temperature effect can be observed.
RB
L5991
CT
RA
Vref
4
2
RC
16 S_BY
6COMP
RCT
additional parts
D1
D2
R'
D1, D2
2 x 1N4148
or
1 x BAV70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com