Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1537 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1537
Description  A SIMPLE TRICK ENHANCES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1537 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1537 Datasheet HTML 1Page - STMicroelectronics AN1537 Datasheet HTML 2Page - STMicroelectronics AN1537 Datasheet HTML 3Page - STMicroelectronics AN1537 Datasheet HTML 4Page - STMicroelectronics AN1537 Datasheet HTML 5Page - STMicroelectronics AN1537 Datasheet HTML 6Page - STMicroelectronics AN1537 Datasheet HTML 7Page - STMicroelectronics AN1537 Datasheet HTML 8Page - STMicroelectronics AN1537 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AN1537 APPLICATION NOTE
4/18
Since the full-load input power is greater than 50W, this adapter belongs to the third bracket envisaged by the
ECC. Its no load consumption is 0.9W @264Vac and 0.7W @220Vac then it meets Phase 1 limit (1W) and is
close to that of Phase 2 and 3 (0.75W) with almost no margin.
Although the ECC specifies that the compliance test be done at the nominal voltage 230 Vac, in the pre-com-
pliance test it is quite usual to refer to the consumption at 264 Vac, to account for production spread. With this
criterion the adapter cannot be considered compliant with Phase 2 or 3 limits.
The target of the optimization is then to make the adapter ECC-compliant in the above mentioned sense. Figure
3 shows the electrical schematic of the converter with the added and modified components highlighted. Only
these changes will be discussed.
Figure 3. 45W AC-DC adapter: electrical schematic of the modified circuit
1)
The oscillator has been modified to maintain the same frequency under normal operation (70kHz) at
full load and have a standby frequency equal to half the normal frequency (35kHz). The oscillator fre-
quency with no-load will be 5kHz. Further details on the calculations can be found in the appendix.
2)
The dummy load represented by the feedback components on the secondary side (170mW in the
original design) has been reduced at 40mW: R21 has been increased from 348
Ω to 3.16kΩ and,
consequently, R18 from 2.2 to 20k
Ω to maintain the same regulated output voltage. This reduces the
current consumption of the divider from 7.2 to 0.8mA. Additionally, R19 which was to provide 1mA
extra bias current to the reference of the PC905, has been taken out since it was not strictly necessary.
3)
The frequency compensation of the voltage control loop (C7, C14, R20) has been modified so as to
get a larger bandwidth - it has been almost doubled - and then a faster response. The main purpose
of that is to allow a correct start-up of the converter even with no load, whereas a slow feedback (ba-
sically, a large C14) causes the system to try continuously to restart under these conditions.
4)
R7 has been decreased from 4.7 to 1
Ω, to prevent the supply voltage of the L5991 from going below
the UVLO threshold with no load. To help this, the total consumption of the IC has been reduced by
0.3 mA by increasing R8 and R9 (from 5.6 to 22k
Ω and from 6.8 to 27kΩ, respectively). Although
with this change the voltage generated at full load is higher, it is still below the OVP threshold, set by
R5 and R6, with a safe margin.
These modifications are summarized in table 3.
88 to 264
Vac
BD1
DF04M
C1
100 µF
400 V
R1
56 k
Ω
10
R11
10
Ω
13
R14
1 k
Ω
15
12
R15
0.47
Ω
1/2 W
8
14
6
R6
330 k
Ω
43
2
R9 27 k
Ω
Ω
Ω
Ω
C5
3.3 nF
R13
12 k
Ω
Ω
Ω
Ω
7
Q1
STP7NB60
C9
330 µF
25 V
GND
IC1
L5991
C12
4.7 nF
2kV
D2
STTA106
R5 47 k
Ω
C2
47 µF
25 V
R10
22
Ω
5
9
DCC
R8 22 k
Ω
Ω
Ω
Ω
VREF
C4
100 nF
C6
56 nF
RCT
SS
DC-LIM
SGND
R3
2.2 M
Ω
C8
100 pF
11
PGND
ISEN
OUT
VC
VCC
DIS
COMP
VFB
T1
18V/2.5A
16
ST-BY
7
6
1
2
4
3
R19
N.A.
R17
4.3 k
Ω
R21
3.16 k
Ω
Ω
Ω
Ω
C7
3.3 nF
C3 100 nF
C14
8.2 nF
R16 100
Ω
R18
20 k
Ω
Ω
Ω
Ω
R20
180 k
Ω
Ω
Ω
Ω
D4 1N4148
D5
BYW29-200
R2
56 k
Ω
R4
2.2 M
Ω
C10
330 µF
25 V
C11
330 µF
25 V
IC2
PC905
N1
N2
N3
F1 T2A250V
D3
1N4148
D1
BZW06-154
NTC1 N.A.
R23 N.A.
R22
N.A.
C17
N.A.
C13
N.A.
C15
220 nF
Rc
5.9 k
Ω
Ω
Ω
Ω
R7 1
Ω
Ω
Ω
Ω
D6 1N4148
R12
12 k
Ω
Ω
Ω
Ω
D7 1N4148
R'
8.2 k
Ω
Ω
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com