Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1537 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1537
Description  A SIMPLE TRICK ENHANCES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1537 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1537 Datasheet HTML 1Page - STMicroelectronics AN1537 Datasheet HTML 2Page - STMicroelectronics AN1537 Datasheet HTML 3Page - STMicroelectronics AN1537 Datasheet HTML 4Page - STMicroelectronics AN1537 Datasheet HTML 5Page - STMicroelectronics AN1537 Datasheet HTML 6Page - STMicroelectronics AN1537 Datasheet HTML 7Page - STMicroelectronics AN1537 Datasheet HTML 8Page - STMicroelectronics AN1537 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3/18
AN1537 APPLICATION NOTE
The "frequency foldback" provided by the additional circuit starts in the neighborhood of VCOMP = 3V, that is a
little before that the high-to-low frequency shift takes place. After the shift, VCOMP will be higher and then the
switching frequency will be close or exactly equal to fSB, depending on the fosc to fSB ratio.
In applications where the switching frequency needs not be tightly fixed for some specific reason there is no
major drawback to this technique. The only point to take care of is that the oscillator frequency be in the audible
range only when the peak current is so low that no sound may come from the transformer, even when it is made
with normal construction techniques. This can be obtained simply by choosing fSB well above the audible range
(e.g. fSB > 30kHz seems to be a good rule of thumb).
The benefits, on the contrary, are considerable:
1)
Very low switching frequencies are possible which, as already stated, will allow treating the power
throughput as much efficiently as possible: MOSFET's capacitive losses, gate drive consumption and
other parasitic losses will be minimized. See [2] for more details on them.
2)
Since the additional components will be concerned with taking the oscillator frequency to very low
values, the standby frequency fSB can be kept relatively high, thus reducing the abrupt frequency shift
and eliminating the need for a slow feedback to prevent frequency instability. As already said, keep-
ing fSB high has the positive side-effect of eliminating audible noise issues.
3)
As a result of the faster dynamic response, start-up under no-load conditions is possible even with a
minimum pre-load on the output. The dummy load represented by the feedback network, as well as
bleeders, if used, can be minimized. The limit to the dummy load reduction is given by the collapse
that the voltage delivered by the self-supply winding experiences with no load, which must not pull
the supply voltage of the L5991 below the UVLO threshold.
To evaluate how much this function modification improves converter's performance at light or no load, the 45W
wide-range mains AC-DC adapter illustrated in [3] and the 80W power-factor-corrected AC-DC adapter de-
scribed in [4] will be optimized following the guidelines revealed by the above considerations. The "European
Code of Conduct on Efficiency of External Power Supplies", ECC in short, whose limits are summarized in table
1, will be assumed as the reference.
Table 1. Limits envisaged by European Code of Conduct on Efficiency of External Power Supplies
Optimization of a 45W, wide-range mains AC-DC adapter
For reader's convenience, table 2 summarizes the electrical spec of the adapter under consideration. Please
refer to [3] for a detailed description and full evaluation data.
Table 2. 45W, wide-range mains AC-DC adapter: electrical specification of the original design
Rated Input Power
Max. no-load Power Consumption
Phase 1
01.01.2001
Phase 2
01.01.2003
Phase 3
01.01.2005
≥ 0.3W and < 15W
1.0W
0.75W
0.30W
≥ 15W and < 50W
1.0W
0.75W
0.50W
≥ 50W and < 75W
1.0W
0.75W
0.75W
Input Voltage Range (Vin)
88 to 264 Vac
Mains Frequency (fL)
50/60Hz
Maximum Output Power (Pout)
45W
Output
Vout = 18V
± 3%
Iout = 2.5A max.
Full load ripple
≤ 2% pk-pk
Normal Operation Switching Frequency (fosc)
70kHz typ.
Light Load Switching Frequency (fSB)
18kHz typ.
Full-load Efficiency (@ Pout =45W, Vin = 88
÷264Vac)
> 80%
Maximum no-load Input Power (Vin = 88
÷264Vac)
< 1W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com