Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1537 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1537
Description  A SIMPLE TRICK ENHANCES
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1537 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1537 Datasheet HTML 1Page - STMicroelectronics AN1537 Datasheet HTML 2Page - STMicroelectronics AN1537 Datasheet HTML 3Page - STMicroelectronics AN1537 Datasheet HTML 4Page - STMicroelectronics AN1537 Datasheet HTML 5Page - STMicroelectronics AN1537 Datasheet HTML 6Page - STMicroelectronics AN1537 Datasheet HTML 7Page - STMicroelectronics AN1537 Datasheet HTML 8Page - STMicroelectronics AN1537 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/18
AN1537 APPLICATION NOTE
Table 3. 45W, wide-range mains AC-DC adapter: list of modifications to the original design
45W AC-DC adapter: evaluation results
The following diagrams compare the performance of the original design ("standard standby") with that of the
modified one ("improved standby"). For reference, it has also been measured the input consumption after re-
placing the start-up circuit made up of R1, R2 and D3 with an active start-up circuit (see fig. 12).
To be noted in figure 4, the no-load consumption is < 0.6W @ 264Vac, then the adapter under test meets the
ECC limits, Phase 3 (< 0.75W @230Vac) with some margin even without the use of an active start-up circuit.
Figure 4. 45W AC-DC adapter: light load input consumption comparison
The diagram on the left in figure 5 shows the relationship between output current and switching frequency ob-
tained with the modified oscillator. The oscillator frequency is not much affected by the input voltage, as shown
also by the oscilloscope diagrams of figures 6 to 10: the internal propagation delay of the current sense pin is
compensated by R3 and R4, then the changes of VCOMP (and, consequently, fsw) with the input voltage are neg-
ligible.
The diagram on the right in figure 5 illustrates the effect of temperature on both the oscillator frequency and the
no-load input consumption (@264Vac) in the temperature range 0-70°C: the variation is very limited.
Part
Original value
New Value
Part
Original value
New Value
R7
4.7
Ω
1
Ω
R20
5.6k
Ω
180k
Ω
R8
5.6k
Ω
22k
Ω
R21
348
Ω
3.16k
Ω
R19
6.8k
Ω
27k
Ω
RC
---
5.9k
Ω
R12
24k
Ω
12k
Ω
R’
---
8.2k
Ω
R13
8.2k
Ω
12k
Ω
C7
220pF
3.3nF
R18
2.2k
Ω
20k
Ω
C14
470nF
4.7nF
R19
1.2k
Ω
---
D6, D7
---
1N4148
50
100
150
200
250
300
0.6
0.8
1
1.2
1.4
1.6
Vin [Vac]
Pin [W]
Pout = 0.5 W
fsw = 16 kHz
Tamb= 25 °C
standard standby
improved standby
improved standby
with active start-up (*)
50
100
150
200
250
300
0.4
0.6
0.8
1
1.2
1.4
Vin [Vac]
Pin [W]
Pout = 0.3 W
fsw = 13 kHz
Tamb= 25 °C
standard standby
improved standby
improved standby
with active start-up (*)
50
100
150
200
250
300
0
0.2
0.4
0.6
0.8
1
Vin [Vac]
Pin [W]
Pout = 0 W
fsw = 5 kHz
Tamb= 25 °C
standard standby
improved standby
improved standby
with active start-up (*)
(*) refer to the circuit shown in
the schematic of figure 12
(*) refer to the circuit shown in
the schematic of figure 12
(*) refer to the circuit shown in
the schematic of figure 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com