Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1660 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1660
Description  ZVS RESONANT CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1660 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1660 Datasheet HTML 3Page - STMicroelectronics AN1660 Datasheet HTML 4Page - STMicroelectronics AN1660 Datasheet HTML 5Page - STMicroelectronics AN1660 Datasheet HTML 6Page - STMicroelectronics AN1660 Datasheet HTML 7Page - STMicroelectronics AN1660 Datasheet HTML 8Page - STMicroelectronics AN1660 Datasheet HTML 9Page - STMicroelectronics AN1660 Datasheet HTML 10Page - STMicroelectronics AN1660 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7/13
AN1660 APPLICATION NOTE
We choose Np = 52T, n = 2
Then Ns110 = 26T. This is 110V winding.
The turns of 24V winding is 6.
The turns of Vcc supply winding is 3.
Now design the resonant components.
Set normalize output voltage is M = 0.95
Set normalize output current is J = 0.2
(6)
(7)
(8)
Cr = C17+C18,
Choose C17 = C18 = 20nF, then Cr = 40nF
Recalculate Lr under Fr = 84KHz. Lr = L1 = 90uH
Choose primary inductance L2 as 5 ~ 10 times the resonant inductance. L2 = 500uH
Now the resonant frequency of total circuit is
(9)
3.3 conditions for resonance between L2 and resonant circuit (L1, C17+C18)
When the resonant between L2 and the resonant circuit starts, current IL2 varies from -I2 to +I1 during t2-
t1, and the voltage is nVout and constant. The operating waveforms are shown in Fig. 4
Figure 4. operating waveforms
Zo
V
inm ax
2
------------------


2
JM
⋅⋅
Vo Io
⋅
--------------------------------------------
=
Zo
420
2
----------


2
0.2 0.95
⋅⋅
110 1.2
⋅
()
24 2
⋅
()
+
-----------------------------------------------------
46.55
==
Lr
Zo
2
πfr
-----------
56.55
2
π 84 10
3
⋅⋅
--------------------------------
88.2
µH
==
=
Cr
1
2
πfr Zo
⋅
-----------------------
1
2
π 84 10
3
46.55
⋅⋅
⋅
---------------------------------------------------
40.6n F
==
=
fo
1
2
π L2 L1
+
() Cr
⋅
------------------------------------------------
32.5kHz
==
D03IN1428
∆T
∆
VC2
VC2
I2
I1
IL2
IL2
IL1
I
IL1
IL1
I
IL1p
VC max
VC min
L1C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com