Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1660 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1660
Description  ZVS RESONANT CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1660 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1660 Datasheet HTML 1Page - STMicroelectronics AN1660 Datasheet HTML 2Page - STMicroelectronics AN1660 Datasheet HTML 3Page - STMicroelectronics AN1660 Datasheet HTML 4Page - STMicroelectronics AN1660 Datasheet HTML 5Page - STMicroelectronics AN1660 Datasheet HTML 6Page - STMicroelectronics AN1660 Datasheet HTML 7Page - STMicroelectronics AN1660 Datasheet HTML 8Page - STMicroelectronics AN1660 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
AN1660 APPLICATION NOTE
t3~t4:
Q1 turns off at t3. Both Q1 and Q2 are off.
The charge stored in the parasitic capacitor CQ2 of Q2 is discharged by means of the resonant current
between L1+L2 and C1+C2. Whereas CQ1 is charged.
t4~t5:
Q1 is off. The resonant current flows through the parasitic diode DQ2 of Q2.
At t4 CQ2 is discharged. The voltage becomes zero. ZVS is achieved. The voltage of C2 increases further.
t5~t6:
Q1 is off and Q2 is on.
The resonant current flows through Q2 and in the opposite direction of t4~t5. The resonant current de-
creases sinusoidally and reaches the minimum value then increases till coincides with the current in L2 at
t6. The difference between resonant current and current in L2 flows through the primary winding N1 of the
transformer. Power is supplied to the load.
t6~t7:
Q1 is off and Q2 is on.
The current -I2 in L1 coincides with the current in L2 at t6. No current flows through the secondary winding
of the transformer. In this mode L1+L2 and C1+C2 resonate.
t7~t8:
Q2 turns off. Q1 and Q2 are off.
The parasitic capacitor CQ2 of Q2 is charged by means of the resonant current between L1+L2 and C1+C2.
Whereas CQ1 is discharged.
Here the circuit returns to the first mode and the cycle is repeated.
A main advantage of this resonant converter is that there are no turn-on switching losses exist in the FET
because its inverse diode carries current and the voltage across the MOSFET is zero before the MOSFET
conducts forward current.
There are still turn-off switching losses. But it can be erased by placing small snubber capacitors directly
across the FET devices. And no discharge resistors are needed. This was because the capacitor is not
discharged by turning the FET on but rather is discharged by turning-off the opposite FET.
Also the switching losses due to Coss and Crss is eliminated by the same reason mentioned before in the
lossless snubbers. The energy stored in any capacitance directly across the device is returned to the DC
source by virtue of the opposite FET turning off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com