Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1660 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1660
Description  ZVS RESONANT CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1660 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1660 Datasheet HTML 1Page - STMicroelectronics AN1660 Datasheet HTML 2Page - STMicroelectronics AN1660 Datasheet HTML 3Page - STMicroelectronics AN1660 Datasheet HTML 4Page - STMicroelectronics AN1660 Datasheet HTML 5Page - STMicroelectronics AN1660 Datasheet HTML 6Page - STMicroelectronics AN1660 Datasheet HTML 7Page - STMicroelectronics AN1660 Datasheet HTML 8Page - STMicroelectronics AN1660 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
AN1660 APPLICATION NOTE
3
ANALYSIS AND DESIGN EQUATIONS
Following assumptions is for simplify the analysis.
1) All circuit components are ideal devices.
2) DT (Fig.2) is very short compared to the resonant time. DT = 0, and I1 = I2.
Fig.3 is the schematic of L6598 resonant converter demoboard.
Figure 3. 180W Half-Bridge resonant with the L6598: electrical schematic
The spec. of the power supply.
Input voltage: DC 370V ~ 420V (output of a PFC stage)
Output voltage: 110V/1.2A , 24V/2A
Output power : 180W
3.1 Resonant frequency and switching frequency
Before the design, we need to decide several operation frequencies of converter. That include the start
switching frequency - Fstart, minimum switching frequency - Fmin and resonant frequency - Fr.
In this application, we choose:
Fstart = 250KHz ( by design Rfstart of L6598)
Fmin = 68KHz ( by design Rfmin of L6598)
Fr = 84KHz ( by design L1, C17, C18)
To calculate Rfstart and Rfmin, using below equations:
(1)
(2)
C10
100nF
C15
220pF
C19
2200
µF
50V
C12
100nF
R7
6.8K
R6
27K
C17
20nF
C18
20nF
C16
100nF
C26 2200pF/3KV
C9
1
µF
C8
47
µF
R5
5.6K
R17
R4
110K
EN1
RFSTART
OPIN-
OPOUT
EN2
VS
VBOOT
OUT
LVG
OPIN+
HVG
R2 160K/2W
R3 10
R13 22
D6 1N4148
C11
1nF
C13
220pF
R9
10K
R8
27K
L1 90
µH
T1
D7
STPR1010CT
D8 BYT03-400
D9
BYT03-400
R15 22
R14
10K
R24
3.3K
R23
150K
Q1
STP8NA50
Q2
STP8NA50
TRANSFORMER
R16
10K
R10
20K
R12 10K
R19
0.2
R18 1K
R11 100K
RFMIN
GND
CSS
CF
C24
100nF
24V
Vin
DC370V-420V
C21
330
µF
160V
C20
1000
µF
C25
100nF
R22
1K
R21
3.6K
R25 1K
U2
4N25
U3
TL431
C22
C23
0.47
µF
115V
C14
0.22
µF
D03IN1427
L6598
Rfm in
1.41
Fmin Cf
---------------------
=
Rfstart
1.41
Fstar t
Fm i n
–
()Cf
--------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com