Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1660 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1660
Description  ZVS RESONANT CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1660 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1660 Datasheet HTML 1Page - STMicroelectronics AN1660 Datasheet HTML 2Page - STMicroelectronics AN1660 Datasheet HTML 3Page - STMicroelectronics AN1660 Datasheet HTML 4Page - STMicroelectronics AN1660 Datasheet HTML 5Page - STMicroelectronics AN1660 Datasheet HTML 6Page - STMicroelectronics AN1660 Datasheet HTML 7Page - STMicroelectronics AN1660 Datasheet HTML 8Page - STMicroelectronics AN1660 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AN1660 APPLICATION NOTE
2/13
This circuit has three operation.
1. The operation of a resonant circuit between L1 and C1+C2. Which supplies power to the load.
2. The operation of a resonant circuit between L1+L2 and C1+C2. Which does not supply power with the
load.
3. The operation of a resonant circuit between CQ1 + CQ2, L1+L2 and C1+C2. Which achieves the ZVS of
the MOSFET.
Figure 2. Operating Waveforms
t0~t1:
In Q1 reverse current flows through parasitic diode DQ1. Q2 is off.
The initial value of the resonant current between L1 and C1+C2 at t0 is -I2, which coincide with the current
in L2. The current in L2 will increases at the rate of nVout/L2 (n = N1/N2, N2 = N3). At t0 CQ1 is discharged.
The voltage becomes zero. ZVS is achieved. The voltage of C2 decreases further. C2 is discharging.
t1~t2:
Q1 is on and Q2 is off.
The resonant current flows through Q1 and in the opposite direction of t0~t1. The resonant current increas-
es sinusoidally and reaches the maximum value then deceases till coincides with the current in L2 at t2.
The difference between resonant current and current in L2 flows through the primary winding N1 of the
transformer. Power is supplied to the load.
t2~t3:
Q1 is on and Q2 is off.
The current I1 in L1 coincides with the current in L2 at t2. No current flows through the secondary winding
of the transformer. In this mode L1+L2 and C1+C2 resonate.
VDQ1
0V
0V
0V
0V
0A
0V
0A
0A
0A
VDQ2
VQ1
VQ2
IQ1
ICQ1
IL1
VC2
ID1
t0
t8
t1
t2
t3
t4
t6
t7
t8
t5
Current in
parasitic
diode (IDQ1)
I2
I1
-I2
Vcmax
Vcmin
∆T
-I1
IL1pk
D03IN1426



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com