Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1621 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1621
Description  300W SECONDARY CONTROLLED TWO-SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1621 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1621 Datasheet HTML 3Page - STMicroelectronics AN1621 Datasheet HTML 4Page - STMicroelectronics AN1621 Datasheet HTML 5Page - STMicroelectronics AN1621 Datasheet HTML 6Page - STMicroelectronics AN1621 Datasheet HTML 7Page - STMicroelectronics AN1621 Datasheet HTML 8Page - STMicroelectronics AN1621 Datasheet HTML 9Page - STMicroelectronics AN1621 Datasheet HTML 10Page - STMicroelectronics AN1621 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7/14
AN1621 APPLICATION NOTE
where Ton is in sec,
∆B in Tesla and Ae in mm2.
The turns ratio is defined as:
where:
Dmax = 0.48 (maximum duty cycle):
Vf =1V (voltage drop of the output diode);
Vp = 0.5V (voltage drop of the output inductor).
The primary and secondary turns number are Np = 32, Ns = 10.
As for the wire selection, the skin effect is not negligible at this frequency.
To reduce this effect, the wire diameter should not exceed two times the penetration depth:
and therefore a wire diameter of 0.36mm (AWG27) is suitable. However, to have a sufficient copper area, a cer-
tain number of these wires will be twisted together.
To define the numbers of wires this equation can be used:
where:
R = resistance of the wire per cm
lw = winding length (cm)
As to the primary side:
The RMS secondary current is 3.4 times the primary one. Considering the copper losses equally dissipated be-
tween primary and secondary windings, this yields 3 wires in parallel (Npwire) for the primary winding and 10
wires (Nswire) for secondary winding.
The ETD39 core has a winding area of 1.7 cm2 but the real available space is approximately 40% (0.68 cm2):
isolation requirements and fill factor must be taken into account. The total copper area is:
Atot = Ais · (Npwire · Np + Nswire · Ns) = 0.255 cm2
that fits the window.
The windings are interleaved:
one layer of 16 turns (first half of the primary), one layer of 10 turns (the secondary) and another layer of 16
turns (second half of the primary).
With this arrangement the transformer used in the application has a leakage inductance of 15uH (about 0.5%
of the primary inductance, which is 2.7 mH).
The magnetising current is:
N
P
V
inmindc
T
on max
()
B
A
e
--------------------------------------------------- 10
4
200 2.4
0.130 125
-----------------------------
29.5
==
n0.9
V
in min
() Dmax
V
o
V
f
V
p
++
----------------------------------------
0.9
200 0.48
2410.5
++
-------------------------------
3.38
==
=
δ
7.5
f
--------
0.17mm
==
N
wire
RN
turns
I
w
I
rms
2
P
loss
--------------
⋅⋅
=
I
rmsp
P
o
η V
inmindc
D
max
⋅⋅
------------------------------------------------------
312
0.9 200
0.48
⋅⋅
-------------------------------------------
2.23A
==
=
I
m
V
in min
() ton
L
p
---------------------------------
200 2.4 10
6
⋅⋅
2.7 10
3
---------------------------------------
180mA
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com