Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1621 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1621
Description  300W SECONDARY CONTROLLED TWO-SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1621 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1621 Datasheet HTML 1Page - STMicroelectronics AN1621 Datasheet HTML 2Page - STMicroelectronics AN1621 Datasheet HTML 3Page - STMicroelectronics AN1621 Datasheet HTML 4Page - STMicroelectronics AN1621 Datasheet HTML 5Page - STMicroelectronics AN1621 Datasheet HTML 6Page - STMicroelectronics AN1621 Datasheet HTML 7Page - STMicroelectronics AN1621 Datasheet HTML 8Page - STMicroelectronics AN1621 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
AN1621 APPLICATION NOTE
Figure 4. Output Current Limiting Characteristic with Foldback
2.6
Output Diode selection
The reverse voltage of the output diodes is given by the formula:
Vr = Vin max/n = 375/3.3= 114V,
where n is the transformer turns ratio.
For a correct functionality a ultra-fast recovery diode is requested, mainly to limit switching losses and EMI prob-
lems.
To calculate the conduction losses the following equation has been applied to the selected type, BYV52-200.
For the single diode the formula is:
P = 0.7 · I(AV) + 0.0075 · I
2
(RMS)
that, rearranged to take into account both the diodes, becomes:
P = 0.7 · IOMAX + 0.0075 · IO2MAX = 10.4W
where IOMAX = 13A.
Considering the TO247 package (1.2 °C/W total thermal resistance junction-heatsink), to ensure that the junc-
tion temperature does not exceed 100 °C at 40 °C max. ambient temperature, the heatsink has to be dimen-
sioned for about 4°C/W.
2.7
Power transformer design
The forward transformer delivers energy from the primary to the secondary without any storage.
The only consideration is with regards of the magnetising current, that has to be limited at a safety value far from
core saturation.
Our core selection is based on AP, area product, defined as AP = Aw · Ae.
a: Output current limiting characteristic
b: Schematic diagram of the modified
468
10
12
14 Io
0
5
10
15
20
25
Vo
D96IN459
13
R8
3K
D96IN460_mod
L5991A
VREF
C16
ISEN
10T
P1
R1
4
3K
C2
C3
C4
L1
1 T
D1
D5
D2
C6
R2
R11
1.2K
50T
5
FB
120K
2K
hiccup limiting current thereshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com