Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1621 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1621
Description  300W SECONDARY CONTROLLED TWO-SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1621 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1621 Datasheet HTML 6Page - STMicroelectronics AN1621 Datasheet HTML 7Page - STMicroelectronics AN1621 Datasheet HTML 8Page - STMicroelectronics AN1621 Datasheet HTML 9Page - STMicroelectronics AN1621 Datasheet HTML 10Page - STMicroelectronics AN1621 Datasheet HTML 11Page - STMicroelectronics AN1621 Datasheet HTML 12Page - STMicroelectronics AN1621 Datasheet HTML 13Page - STMicroelectronics AN1621 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11/14
AN1621 APPLICATION NOTE
Figure 7. Efficiency versus Output Load Current at min.,typ. and max. AC Voltage.
The efficiency is quite constant and equal or above 85% from 2A to full load.
At min. load of 0.5A, it's 70% at 220Vac. The total losses, for an amount of 3.6W are mainly due to Coss of the
power mos devices and transformer core losses due to the magnetizing current.
Fig 8. shows the load transient response, at nominal ac input voltage value and output load variation from 1A
to 12A, in a couple of msec, and fig 9 shows the enlarged section at the moment of current load rise.
Fig 10. To be noticed the absence of output overshoot on the output voltage.
Figure 8. Output Voltage Response to Load Transient
0
2
4
6
8
10
12
14
65
70
75
80
85
90
η
(%)
D96IN463
176Vac
220Vac
265Vac
D96IN464
CH1: Vo (100mV/div)
CH2: Io (5A/div)
T: 1ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com