Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1621 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1621
Description  300W SECONDARY CONTROLLED TWO-SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1621 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1621 Datasheet HTML 1Page - STMicroelectronics AN1621 Datasheet HTML 2Page - STMicroelectronics AN1621 Datasheet HTML 3Page - STMicroelectronics AN1621 Datasheet HTML 4Page - STMicroelectronics AN1621 Datasheet HTML 5Page - STMicroelectronics AN1621 Datasheet HTML 6Page - STMicroelectronics AN1621 Datasheet HTML 7Page - STMicroelectronics AN1621 Datasheet HTML 8Page - STMicroelectronics AN1621 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
AN1621 APPLICATION NOTE
Table 1. Power Supply Specification
The core is E20/10/5-3C85, 10 turns/winding, no air-gap.
A high permeability core minimises the magnetising current to maintain a correct operation far away of the core
saturation point, at maximum duty cycle and high core temperature.
The proposed gate drive circuit allows the use of the 1:1:1 turns ratio drive transformer; moreover, a controlled
drain current rise time (by R15) and a fast fall time are achieved. A very short min. Ton pulse give the possibility
to stabilise the output voltage at max. mains and min. load.
2.4
Power MOS selection
The two-switch topology allows to use the power elements with a voltage breakdown equal to the max. rectified
mains voltage.
The mosfet used here is the STW14NK50; this device, with 500V of BVdss give us also some safety margin.
The basic parameters of the STW14NK50 are listed below:
Rdson (25°C) = 0.38
Ω max., at Id = 7A (0.76Ω max. at 100°C)
Coss = 300pF typ., Qg = 75nC typ., package in TO-247
At min. supply voltage and max. load current, the conduction losses for each transistor are:
Pcon = I2rmsp · Rdson(100°C) = 2.232 · 0.76 = 3.8W where the effective Irmsp2 is calculated in the power trans-
former section.
Estimating in about 3.2W switching and parasitic losses, the total power losses of each transistor are about 7W.
Considering 100°C of maximum operating junction temperature (at 40°C of ambient temperature) and a thermal
resistance junction-heatsink of 0.66°C/W, a heatsink of 4°C/W is required to dissipate both the transistors.
2.5
Current sense
Considering the output current rating of 13A continuous, it's our opinion that a current transformer for current
sensing is the best approach for maximising the efficiency, reliability and internal ambient temperature in case
the power supply has to be housed in a plastic box.
Due to the constant current limiting requirements, as shown in Fig2, a couple of current transformers have been
used; one transformer is sensing the current flowing into D1 (in conduction when T1 and T2 are ON) and the
second one is sensing the current flowing into D5, recirculation diode.
Oring the two transformers by D2 and D3, and closing the loop with a proper impedance value, R1, we realise
a voltage signal reproducing exactly the inductor current shape.
The current sensing loop is closed by R1 selected according the transformers turns.
Two small toroid ferrite cores (41005-TC, Magnetics, F material, 3000
µ) have been used, with 50 turns.
R1 is defined by:
where:
1V is the nominal threshold voltage of the current sense.
Ipk is the inductor peak current( considering a 20% of current ripple, Ipk = Io +
∆I/2 = 13 + 1.3 = 14.3A)
Symbol
Description
Parameter
VI
Input voltage
220Vac (176 Vac to 265 Vac) // 50Hz
VO
Output voltage
24V % (ripple voltage <1%)
IO
Output Current
13Amax. continuous, 0.5Amin
Il
Limiting Current
constant type till ground
Po
Output continuos power
312W
fs
Switching Frequency
200kHz
η
Target Efficiency (full load)
= 90% (from mains to output)
R1
50 1V
⋅
lpk
------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com