Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1696 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1696
Description  Load sharing is a technique commonly
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1696 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1696 Datasheet HTML 3Page - STMicroelectronics AN1696 Datasheet HTML 4Page - STMicroelectronics AN1696 Datasheet HTML 5Page - STMicroelectronics AN1696 Datasheet HTML 6Page - STMicroelectronics AN1696 Datasheet HTML 7Page - STMicroelectronics AN1696 Datasheet HTML 8Page - STMicroelectronics AN1696 Datasheet HTML 9Page - STMicroelectronics AN1696 Datasheet HTML 10Page - STMicroelectronics AN1696 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7/11
AN1696 APPLICATION NOTE
of OR-ing diode (as a reference we consider the low drop Schottky diode STPS10L25D [6]).
Considering Tmax and ID = 5A, we have:
– OR-ing FET (STS8DNF3LL)
– OR-ing DIODE (STPS10L25D)
Obviously in the case of the diode, also the sense resistor is needed: assuming the same 75mV drop, the total
dissipation will be 1.8W. We can estimate 1.4W saving, leading to about 8.5% efficiency rise.
2.2 Current sharing control
For each section one L6615 controller is associated with the few external components necessary to its opera-
tion.
Load sharing is achieved through a single wire connection (share bus) between all the paralleled modules,
whose voltage is proportional to the highest output current amongst all the active sections. In particular, being
unity the (internal) gain between CGA and SH pins, on the share bus there will be the highest of the values given
by (1).
In case of very noisy application, two capacitors (C8 and C9) allow filtering the L6615 current sense pins (#2
and #3).
The L6615 error amplifier is of transconductance type so a compensation network is required connected be-
tween L6615 pin #5 and ground; in this case an RC series network (C5-R15) determines a bandwidth of about
1KHz for the sharing loop.
The L6615 ADJ pin (pin#4) is connected to the daughter board: a current proportional to the output currents
unbalance is sunk from the feedback path of the relevant section.
The value of adjustment resistor (R13, between positive output terminal and ADJ pin) must be chosen in accor-
dance with both the maximum current sink capability of pin ADJ and the output voltage tolerance.
If we consider VOUT = +3.3V with a tolerance of ±5%, the maximum spread between the master output voltage
and the slave one could be 330mV: this is the drop that the L6615 must be able to correct imposing a current
to flow through the adjustment resistor.
Its resistance value must be lower than the feedback divider (R6 and R8) to have no impact on the value of
regulated voltage.
The design of this resistor is a very simple process: it is enough to choose for the maximum adjustment current
a value lower than the maximum specified for L6615 (8mA, worst case) and verify that this does not cause the
saturation of the L6615 internal BJT (see fig. 5) under steady state condition.
In this case:
adj. current:
IADJ(max) = 8mA
min adj. resistor:
In fact this resistance value is obtained considering the parallel of R13 (motherboard) and R9 (daughter board),
each of them equal to 82
Ω.
P
DI SS
I
D
2
R
DS ON
()
0.375W
=
⋅
=
P
DIS S
0.22 I
D AVG
()
0.013 I
DR M S
()
2
1.425W
=
⋅
+
⋅
=
R
AD J m in
()
∆V
OU T M AX
()
I
AD J
----------------------------------
330mA
8mA
-------------------
41.25
Ω
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com