Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1696 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1696
Description  Load sharing is a technique commonly
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1696 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1696 Datasheet HTML 3Page - STMicroelectronics AN1696 Datasheet HTML 4Page - STMicroelectronics AN1696 Datasheet HTML 5Page - STMicroelectronics AN1696 Datasheet HTML 6Page - STMicroelectronics AN1696 Datasheet HTML 7Page - STMicroelectronics AN1696 Datasheet HTML 8Page - STMicroelectronics AN1696 Datasheet HTML 9Page - STMicroelectronics AN1696 Datasheet HTML 10Page - STMicroelectronics AN1696 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9/11
AN1696 APPLICATION NOTE
For a short time (before overcurrent/undervoltage protections are triggered), the unbroken sections are able to
deliver such high current maintaining the load voltage in the right range.
This in turn causes VC(OUT) to be lower than VLOAD and the OR-ing FET will be turned off whenever VC(OUT) =
VC(OUT)-OFF.
It is possible to obtain the value of the current necessary to push VC(OUT) at VC(OUT)-OFF:
3.0 DEMO-BOARD BEHAVIOUR
The aim of this demo-board is mainly to show the operation of current sharing section, drawing the attention
also to the management of the OR-ing FET. For this reason no protection have been introduced to prevent in-
rush current: it is not possible to actually insert or remove a daughter board during normal operating, neverthe-
less it is recommended to simulate a fault by enabling/disabling one section through the switch SW1 (it shorts
to GND the soft-start pin).
Once all the daughter board are inserted (with the switches on the "ON" position), the system is ready to be
powered-up.
Measuring the three output currents and varying the load continuously, it is possible to see the load share ac-
curacy (fig. 7); obviously, at light load, the accuracy is not so high because is higher the weight of both the mis-
matches between relevant components and the noise is higher. At full load (10A) the maximum error is lower
than 2.5%.
Fig. 8 shows the behaviour of the system whenever a fault condition appears on section 1 when the three sec-
tions are operating supplying a total load of 10A (each of them carries about 3.3A); in particular it is simulated
a short of the low side FET of the synchronous rectifier section 1.
If no OR-ing element were implemented, this could cause a short circuit condition on the other two sections (UV
and/or overcurrent protection could be activated): here the gate driver circuit opens the OR-ing FET preventing
current flow from the load to the output of section 1 and the output voltage experiences only a very small drop.
The currents of section 2 and 3 grow up to 5A.
I
RE V
1
R
DS ON
()
-----------------------
V
LOA D
1
R9
R8
R9
+
----------------------


1
R5
R7
--------
+


⋅
–

 V
PU M P
R5
R7
--------
⋅
+
⋅


⋅
=
Figure 7. Load share accuracy
Figure 8. Fault on one section
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
10
20
30
40
50
60
70
80
90
100
Output current [%]
IOUT1
IOUT2
IOUT3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com