Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1696 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1696
Description  Load sharing is a technique commonly
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1696 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1696 Datasheet HTML 1Page - STMicroelectronics AN1696 Datasheet HTML 2Page - STMicroelectronics AN1696 Datasheet HTML 3Page - STMicroelectronics AN1696 Datasheet HTML 4Page - STMicroelectronics AN1696 Datasheet HTML 5Page - STMicroelectronics AN1696 Datasheet HTML 6Page - STMicroelectronics AN1696 Datasheet HTML 7Page - STMicroelectronics AN1696 Datasheet HTML 8Page - STMicroelectronics AN1696 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AN1696 APPLICATION NOTE
4/11
Figure 3. Daughter board schematic
Table 1. Part list board L6910
RESISTORS
R1, R9, R10
10
SMD 0805
R7
1K2
SMD 0805
R2
1K5
SMD 0805
R8
10K
SMD 0805
R3
2K7
SMD 0805, 1%
R9
82
SMD 0805
R4, R5
2.2
SMD 0805
R10
39
SMD 0805
R6
3K75
SMD 0805, 1%
R11
680
SMD 0805
CAPACITORS
C1, C2
10
µF
(TOKIN)
C34Y5U1E106ZTE12
C7, C12
1nF
SMD0805, Ceramic
C3, C4,
C8, C13
100nF
SMD0805, Ceramic
C9, C10
10nF
SMD0805, Ceramic
C5
47nF
SMD0805, Ceramic
C11
330
µF –
6.3V
(POSCAP)
6TPB330M
C6
N.C.
SMD0805, Ceramic
INDUCTOR
L1
10
µH
T50-52B Core 12T
IC’s
U1
L6910
(ST) SO16 NARROW
Q1
STS8DNF3L
L
(ST) SO8
DIODES
D1, D3, D4
1N4148
SOT23
D2
STP130A
SMA
L1
R2
C1–C2
C7
C11
Q1
D2
13
14
10
11
3
1
L6910
VCC
OUT
6
12
5
15
7
9
VCC
GND
VREF
SS
OCSET
UGATE
PHASE
LGATE
PGND
PGOOD
VFB
COMP
C5
C3
C8
D1
PGND
C9
C4
R1
C6
8
R3
R8
EAREF
BOOT
SS
SGND
+SOUT
R6
R7
C10
R4
R5
R10
R9
4
C12
C13
D3
D4
PUMP
R11
L1
R2
C1–C2
C7
C11
Q1
D2
13
14
10
11
3
1
L6910
VCC
OUT
6
12
5
15
7
9
VCC
GND
VREF
SS
OCSET
UGATE
PHASE
LGATE
PGND
PGOOD
VFB
COMP
C5
C3
C8
D1
PGND
C9
C4
R1
C6
8
R3
R8
EAREF
BOOT
SS
SGND
+SOUT
R6
R7
C10
R4
R5
R10
R9
4
C12
C13
D3
D4
PUMP
R11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com