Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1696 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1696
Description  Load sharing is a technique commonly
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1696 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1696 Datasheet HTML 3Page - STMicroelectronics AN1696 Datasheet HTML 4Page - STMicroelectronics AN1696 Datasheet HTML 5Page - STMicroelectronics AN1696 Datasheet HTML 6Page - STMicroelectronics AN1696 Datasheet HTML 7Page - STMicroelectronics AN1696 Datasheet HTML 8Page - STMicroelectronics AN1696 Datasheet HTML 9Page - STMicroelectronics AN1696 Datasheet HTML 10Page - STMicroelectronics AN1696 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AN1696 APPLICATION NOTE
10/11
REFERENCES
[1] "L6615 High/low side load share controller" (Datasheet)
[2] V. J. Thouttevelil, C. G. Verghese, "Analysis and control Design of Paralleled DC/DC Converters with
Current Sharing", IEEE Transaction on Power Electronics, Vol. 13, N. 4, July 1998, pp. 635-644.
[3] J. Rajagopalan, K. Xing, Y. Guo, F.C. Lee, B. Manners, "Modeling and Dynamic Analysis of Paralleled
DC-DC Converters with Master-Slave Current-Sharing control", IEEE Applied Power Electronics
Conf. Rec. 1996, pp 678-684.
[4] "L6910 - Adjustable step down controller with synchronous rectification" (Datasheet)
[5] "STS8DNF3LL, DUAL N-CHANNEL 30V - 0.017 OHM - 8A SO-8 LOW GATE CHARGE STRIPFET II
POWER MOSFET" (Datasheet)
[6] "STPS10L25D, LOW DROP POWER SCHOTTKY RECTIFIER" (Datasheet)
APPENDIX
LAYOUT
Figure 9. Daughter board layout and connectors configuration
PUMP
PUMP
SS
SS
-SOUT
-SOUT
GND
GND
GND
GND
VCC
VCC
VCC
VCC
+SOUT
+SOUT
OUT
OUT
OUT
OUT
GND
GND
GND
GND
J2
J3
J1
PUMP
PUMP
SS
SS
-SOUT
-SOUT
GND
GND
GND
GND
VCC
VCC
VCC
VCC
+SOUT
+SOUT
OUT
OUT
OUT
OUT
GND
GND
GND
GND
J2
J3
J1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com