Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1707 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1707
Description  Gate Driver with Vreg and Two-Point Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1707 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1707 Datasheet HTML 1Page - STMicroelectronics AN1707 Datasheet HTML 2Page - STMicroelectronics AN1707 Datasheet HTML 3Page - STMicroelectronics AN1707 Datasheet HTML 4Page - STMicroelectronics AN1707 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
INTRODUCTION
This application note gives a simple functional
description of the TD220/221, which is a standard
circuit designed with an industrial application in
mind, see
Figure 1.
However, the TD220/221, together with other ST
components, such as an ST7 microcontroller, and
a MOSFET device, can provide a flexible, high-
performance, power management solution that
may be broadly applied to applications in the
industrial fields.
A common problem in such off-line applications is
the generation of a low voltage power supply for
the various control ICs.
Because of this, the TD220/221 includes a
"Two-Point Regulator” that enables control of a
switching charge pump connected.
The charge pump diodes are integrated within the
TD220/221, and a switch disables the charge
pump when the nominal voltage is reached.
The main advantage of the TD220/221 is that it
integrates, in a single SO8 package, 3 block
functions—voltage regulation, power supply and
power MOS driver—at a very reasonable price.
In typical applications, the TD220/221 manages
the following functions:
l The MOSFET gate driver.
l The microcontroller’s 3.3 V or 5 V supply.
l The power supply voltage at 13 V.
Fig. 1: Typical application schematic of the TD220/22
APPLICATION NOTE
AN1707
TD220/221
Gate Driver with Vreg and Two-Point Regulator
by Giuseppe Scuderi
Revision B
1/5
October 2003


Similar Part No. - AN1707

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
AN1707 ARISTA-AN1707 Datasheet
1Mb / 50P
7100 Series 1 RU (Gen 3) Data Center Switches
More results

Similar Description - AN1707

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F08 PHILIPS-74F08 Datasheet
70Kb / 8P
Quad two-input AND gate
1995 Apr 19
logo
STMicroelectronics
TD220 STMICROELECTRONICS-TD220 Datasheet
79Kb / 8P
Gate Driver with VReg and Two Point Regulator
May-2003
logo
Texas Instruments
LM3492HC TI1-LM3492HC Datasheet
317Kb / 17P
Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
logo
STMicroelectronics
TD221IDT STMICROELECTRONICS-TD221IDT Datasheet
86Kb / 8P
Gate Driver with VReg and Two Point Regulator
May-2003
logo
Texas Instruments
LM3492MH TI-LM3492MH Datasheet
1Mb / 24P
Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
DRV8305 TI-DRV8305_15 Datasheet
2Mb / 53P
DRV8305 Three Phase Gate Driver With Current Shunt Amplifiers and Voltage Regulator
LM3492 TI1-LM3492_15 Datasheet
1Mb / 24P
Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
logo
Linear Technology
LTC3105EDD LINER-LTC3105EDD Datasheet
230Kb / 6P
DC/DC Converter with Power Point Control and LDO Regulator
logo
IXYS Corporation
IXI858 IXYS-IXI858 Datasheet
153Kb / 5P
Gate Driver with VReg and Charge Pump Regulator
logo
ON Semiconductor
NC7SZ08 ONSEMI-NC7SZ08 Datasheet
586Kb / 11P
UHS Two-Input AND Gate
October-2017, Rev . 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com