Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1707 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1707
Description  Gate Driver with Vreg and Two-Point Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1707 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1707 Datasheet HTML 1Page - STMicroelectronics AN1707 Datasheet HTML 2Page - STMicroelectronics AN1707 Datasheet HTML 3Page - STMicroelectronics AN1707 Datasheet HTML 4Page - STMicroelectronics AN1707 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Introduction
AN1707
3/5
Fig. 4: TPR schematic: LDMOS On
The Vcc voltage is regulated by the power
LDMOS, driven by the CMOS comparator with
hysteresis.
When the LDMOS is in the OFF state, the energy
arrives at the VSUP pin, and the current passes
across the D1 and D2 diodes, charging the C1
and C2 capacitors, and increasing the Vcc voltage
value.
When the LDMOS is in the ON state, the energy
discharges versus the ground and the Vcc voltage
value decreases with reference to the application
consumption.
As shown in
Figure 5, it is possible to see the
current behavior on the VSUP pin. This behavior
is generated by an RC circuit supplied periodically
with a duty cycle of 50%.
When the LDMOS is in the OFF state, the positive
current pulse charges C1 and C2 capacitors and
the negative current pulse goes across the
internal LDMOS diode.
When the TPR threshold reaches Vtpron, almost
13.15 V, the comparator switches the LDMOS to
the ON state.
Fig. 5: VSUP current behavior
In this case, the positive current pulse goes
across the LDMOS (Ron) and discharges to
ground, while the negative current pulse is divided
between the Ron and the internal diode.
When
Vcc
voltage
reaches
Vtproff,
almost
12.85 V, the comparator turns off the LDMOS and
the current pulses charge the C1 and C2
capacitors again.
Figure 6 shows the above described behavior for
the TD220/221 application.
V 13V
Threshold Comparator High = 13.15V
Threshold Comparator Low = 12.85V
VCC
VCC
VCAP
VSUP
C1
C2
D1
D2
LDMOS
t
Isup



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com