Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1707 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1707
Description  Gate Driver with Vreg and Two-Point Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1707 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1707 Datasheet HTML 1Page - STMicroelectronics AN1707 Datasheet HTML 2Page - STMicroelectronics AN1707 Datasheet HTML 3Page - STMicroelectronics AN1707 Datasheet HTML 4Page - STMicroelectronics AN1707 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AN1707
UVLO Start Up
4/5
2
UVLO START UP
The UVLO startup feature requires an off-line
voltage, together with a resistor, to be connected
to the Vcc pin, as shown in
Figure 1 on page 1.
The Vcc waveform at startup is shown in
Figure 7.
You should study the charging and discharging
time of the C1 capacitor time in order to choose
the optimum value of C1 for your application. The
C1 value should insure a sufficient discharge
delay time to avoid reaching the UVLOL voltage
value (8.2 V) which would turn off the circuit
before the first current pulses arrive.
Fig. 6: VSUP and VCAP dynamic behavior
Fig. 7: UVLO Start Up and Ivsup
C1 and C2 charging time
C1 and C2 dicharging time
Vcc = 13V RMS (DC)
C1 and C2 charging time
C1 and C2 dicharging time
Vcc = 13V RMS (DC)
Ivsup
on Vcap
UVLOH = 14.1V
UVLOL = 8.2V
VCC
Vtpron = 13.15V
Vtproff = 12.85V
Choise of C1 for the
minimum margin
in order to guarantee
the circuit ON state
Ivsup
on Vcap
UVLOH = 14.1V
UVLOL = 8.2V
VCC
Vtpron = 13.15V
Vtproff = 12.85V
Choise of C1 for the
minimum margin
in order to guarantee
the circuit ON state
Ivsup
on Vcap
UVLOH = 14.1V
UVLOL = 8.2V
VCC
Vtpron = 13.15V
Vtproff = 12.85V
Choise of C1 for the
minimum margin
in order to guarantee
the circuit ON state



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com