Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1707 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1707
Description  Gate Driver with Vreg and Two-Point Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1707 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1707 Datasheet HTML 1Page - STMicroelectronics AN1707 Datasheet HTML 2Page - STMicroelectronics AN1707 Datasheet HTML 3Page - STMicroelectronics AN1707 Datasheet HTML 4Page - STMicroelectronics AN1707 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AN1707
Introduction
2/5
Fig. 2: Description of the TD220/221
As shown in
Figure 1, the TD220/221 internal
blocks are:
l Source—Used in order to bias other blocks in
the circuit,
l UVLO—Under Voltage Lock Out,
l Vreg—Voltage Regulator at 3.3 V (for the
TD220) or at 5 V (for the TD221),
l Driver—Provides
the current in order to
drive an external MOS,
l TPR—Two Point Regulator,
l Clamp—Fixes the maximum Vcc at 22 V.
The UVLO block insures that Vcc is set such that
the TD220/221 functions correctly. Two boundary
voltages are internally fixed at 14.1 V (UVLOH)
and at 8.2 V (UVLOL). If the circuit is in the OFF
state, it will turn on when the UVLO voltage
reaches 14.1 V. This represents the minimum
value necessary to turn the circuit ON, and then
the Vcc power supply value stabilizes at 13 V.
When the circuit is in the ON state, maximum
UVLO voltage value that turns the circuit OFF is
8.2 V.
The role of the UVLO is both simple and
extremely important: it imposes the voltage range
for circuit ignition and blocking.
When the Vcc is at 13 V the Vreg block provides a
precise output voltage at 3.3 V (for the TD220) or
at 5 V (for the TD221) with accuracy of
±3% at
25°C and for Iout = 10 mA. This Vcc is used to
supply power to the driver of an external power
MOS.
The Vcc voltage is so exact thanks to the TPR
block that allows it to maintain an accuracy of
±300 mV. This variation is measured using the
external capacitor C1 = 100 nF as shown in
Figure 3 and Figure 4.
Fig. 3: TPR schematic: LDMOS Off
V 13V
Threshold Comparator High = 13.15V
Threshold Comparator Low = 12.85V
VCC
VCC
VCAP
VSUP
C1
C2
D1
D2
LDMOS
t
Isup



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com