Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6205 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6205
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6205 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6205 Datasheet HTML 3Page - STMicroelectronics L6205 Datasheet HTML 4Page - STMicroelectronics L6205 Datasheet HTML 5Page - STMicroelectronics L6205 Datasheet HTML 6Page - STMicroelectronics L6205 Datasheet HTML 7Page - STMicroelectronics L6205 Datasheet HTML 8Page - STMicroelectronics L6205 Datasheet HTML 9Page - STMicroelectronics L6205 Datasheet HTML 10Page - STMicroelectronics L6205 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
7/53
AN1762 APPLICATION NOTE
where IOUT is the output current. With fast decay, instead, recirculating current recharges the capacitor, causing
the supply voltage to exceed the nominal voltage. This can be very dangerous if the nominal supply voltage is
close to the maximum recommended supply voltage (52V). In fast decay the supply voltage ripple is about:
,
always assuming that the power supply does not recharge the capacitor, and neglecting the output current ripple
and the dead-time. Usually (if C > 100 µF) the capacitance role is much less than the ESR, then supply voltage
ripple can be estimated as:
IOUT · ESR in slow decay
2 · IOUT · ESR in fast decay
For Example, if a maximum ripple of 500mV is allowed and IOUT = 2A, the capacitor ESR should be lower than:
in slow decay, and
in fast decay.
Actually, current sunk by VSA and VSB pins of the device is subject to higher peaks due to reverse recovery
charge of internal freewheeling diodes. Duration of these peaks is, tough, very short, and can be filtered using
a small value (100÷200 nF), good quality ceramic capacitor, connected as close as possible to the VSA, VSB
and GND pins of the IC. Bulk capacitor will be chosen with maximum operating voltage 25% greater than the
maximum supply voltage, considering also power supply tolerances. For example, with a 48V nominal power
supply, with 5% tolerance, maximum voltage is 50.4V, then operating voltage for the capacitor should be at least
63V.
3.4 Layout Considerations
Working with devices that combine high power switches and control logic in the same IC, careful attention has
to be paid to the PCB layout. In extreme cases, Power DMOS commutation can induce noises that could cause
improper operation in the logic section of the device. Noise can be radiated by high dv/dt nodes or high di/dt
paths, or conducted through GND or Supply connections. Logic connections, especially high-impedance nodes
(actually all logic inputs, see further), must be kept far from switching nodes and paths. With the L6205, L6206,
L6207, in particular, external components for the charge pump circuitry should be connected together through
short paths, since these components are subject to voltage and current switching at relatively high frequency
(600kHz). Primary mean in minimizing conducted noise is working on a good GND layout (see Figure 7).
I
OUT
2 ESR
⋅
t
ON
t
OFF
+
C
----------------------------
+


⋅
ESR
0.5 V
2A
------------
<
250m
Ω
=
ESR
1
2
---
0.5 V
2A
------------
⋅
<
125m
Ω
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com