Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6205 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6205
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6205 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6205 Datasheet HTML 8Page - STMicroelectronics L6205 Datasheet HTML 9Page - STMicroelectronics L6205 Datasheet HTML 10Page - STMicroelectronics L6205 Datasheet HTML 11Page - STMicroelectronics L6205 Datasheet HTML 12Page - STMicroelectronics L6205 Datasheet HTML 13Page - STMicroelectronics L6205 Datasheet HTML 14Page - STMicroelectronics L6205 Datasheet HTML 15Page - STMicroelectronics L6205 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
AN1762 APPLICATION NOTE
12/53
3.8 Reference Voltage for PWM Current Control (L6207 ONLY)
The L6207 has two analog inputs, VrefA and VrefB, connected to the internal sense comparators, to control the
peak value of the motor current through the integrated PWM circuitry. In typical applications these pins are con-
nected together, in order to obtain the same current in the two motor windings. A fixed reference voltage can be
easily obtained through a resistive divider from an available 5 V voltage rail (maybe the one supplying the µC
or the rest of the application) and GND.
A very simple way to obtain a variable voltage without using a DAC is to low-pass filter a PWM output of a µC
(see Figure 11).
Assuming that the PWM output swings from 0 to 5V, the resulting voltage will be:
where DµC is the duty-cycle of the PWM output of the µC.
Assuming that the µC output impedance is lower than 1k
Ω, with RLP = 56kΩ, RDIV = 15kΩ, CLP = 10nF and a
µC PWM switching from 0 to 5V at 100kHz, the low pass filter time constant is about 0.12 ms and the remaining
ripple on the Vref voltage will be about 20 mV. Using higher values for RLP, RDIV and CLP will reduce the ripple,
but the reference voltage will take more time to vary after changing the duty-cycle of the µC PWM, and too high
values of RLP will also increase the impedance of the Vref net at low frequencies, causing a poor noise immunity.
As sensing resistor values are typically kept small, a small noise on Vref input pins might cause a considerable
error in the output current. It's then recommended to decouple these pins with ceramic capacitors of some tens
of nF, placed very close to Vref and GND pins. Note that Vref pins cannot be left unconnected, while, if connected
to GND, zero current is not guaranteed due to voltage offset in the sense comparator. The best way to cut down
(IC) power consumption and clear the load current is pulling down the
EN pins. With very small reference volt-
age, PWM integrated circuitry can loose control of the current due to the minimum allowed duration of tON (see
the
Programmable off-time Monostable section).
Figure 11. Obtaining a variable voltage through a PWM output of a µC.
V
re f
5V DµC RDIV
⋅⋅
R
LP
R
DIV
+
-----------------------------------------
=
RLP
CLP
Vref
GND
PWM Output
of a µC
RDIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com