Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6205 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6205
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6205 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6205 Datasheet HTML 9Page - STMicroelectronics L6205 Datasheet HTML 10Page - STMicroelectronics L6205 Datasheet HTML 11Page - STMicroelectronics L6205 Datasheet HTML 12Page - STMicroelectronics L6205 Datasheet HTML 13Page - STMicroelectronics L6205 Datasheet HTML 14Page - STMicroelectronics L6205 Datasheet HTML 15Page - STMicroelectronics L6205 Datasheet HTML 16Page - STMicroelectronics L6205 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
13/53
AN1762 APPLICATION NOTE
3.9 Input Logic pins
IN1A, IN2A, IN1B, IN2B are CMOS/TTL compatible logic input pins. The input comparator has been realized with hys-
teresis to ensure the required noise immunity. Typical values for turn-on and turn-off thresholds are Vth,ON = 1.8V and
Vth,OFF = 1.3V. Pins are ESD protected (see Figure 12) (2kV human-body electro-static discharge), and can be directly
connected to the logic outputs of a µC; a series resistor is generally not recommended, as it could help inducted noise
to disturb the inputs. All logic pins enforce a specific behavior and cannot be left unconnected.
Figure 12. Logic input pins.
3.10 EN pins
The
ENA, ENB pins are, actually, bi-directional: as an input, with a comparator similar to the other logic input pins (TTL/
CMOS with hysteresis), they control the state of the PowerDMOS. When each of the two pins is at a low logic level,
all the PowerDMOS of the corresponding H-bridge (A or B) are turned off. In L6205 and L6207 the EN pins are also
connected to the two corresponding open drain outputs of the protection circuits that will pull the pins to GND if over
current in the corresponding H-bridge or over temperature conditions exist. In L6206 the open drain outputs are on
separate pins, OCDA and OCDB, allowing easier external diagnostics and overcurrent management. For this reason,
with L6205 and L6207 (and L6206 if EN pins are connected to DIAG pins) EN pins must be driven through a series
resistor of 2.2k
Ω minimum (for 5V logic), to allow the voltage at the pin to be pulled below the turn-off threshold.
A capacitor (CEN in Figure 13) connected between each EN pin and GND is also recommended, to reduce the r.m.s.
value of the output current when overcurrent conditions persist (see
Over Current Protection section). EN pin must
not be left unconnected.
Figure 13. ENA and ENB input pins.
5V
D01IN1329
ESD
PROTECTION
5V
PUSH-PULL
OUTPUT
REN
CEN
ENA or ENB
OCDA or OCDB
5V
PUSH-PULL
OUTPUT
REN
CEN
ENA or ENB
ENA or ENB
L6205, L6207
L6206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com