Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6205 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L6205
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6205 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L6205 Datasheet HTML 36Page - STMicroelectronics L6205 Datasheet HTML 37Page - STMicroelectronics L6205 Datasheet HTML 38Page - STMicroelectronics L6205 Datasheet HTML 39Page - STMicroelectronics L6205 Datasheet HTML 40Page - STMicroelectronics L6205 Datasheet HTML 41Page - STMicroelectronics L6205 Datasheet HTML 42Page - STMicroelectronics L6205 Datasheet HTML 43Page - STMicroelectronics L6205 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
AN1762 APPLICATION NOTE
40/53
can also be used to provide a 5V voltage to external circuits (as, for example, the PractiSPIN ST7 board). In this
case the current that can be drawn form the board depends on the supply voltage and on R2 value.
Figure 44 to Figure 46 show the component placement and the two layers layout of the L6206N Evaluation
Board. A large GND area has been used, to guarantee minimal noise and good power dissipation for the device.
Figure 42. EVAL6206N.
5.3.1 Important Notes
JP1 : close in INT position for use with PractiSPIN ST7 board
C6, C7 : recommended change to 5.6 nF for safe Overcurrent protection
R3, R4 : recommended change to 100 k for safe Overcurrent protection
R5, R6 : recommended change to 100 k if EN pins are driven from the CN5 connector (for example with Prac-
tiSPIN ST7 board), for safe Overcurrent protection
R20, R26 : set the maximum current obtainable through PractiSPIN (see PractiSPIN documentation)
R2 : recommended change to adequate value (depending on supply voltage) to obtain 5V across D3
JP2, JP3 : close to allow Overcurrent protection
JP4, JP5 : close for on-board OCD threshold adjusting through R7, R8
JP6, JP7 : close for use with PractiSPIN ST7 board
JP1
C7
C6
R4
R3
R6
R5
R20
R26
R2
JP3
JP5
JP2
JP4
JP6
JP7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com