Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2123 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2123
Description  Principles of operation and application
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2123 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2123 Datasheet HTML 5Page - STMicroelectronics AN2123 Datasheet HTML 6Page - STMicroelectronics AN2123 Datasheet HTML 7Page - STMicroelectronics AN2123 Datasheet HTML 8Page - STMicroelectronics AN2123 Datasheet HTML 9Page - STMicroelectronics AN2123 Datasheet HTML 10Page - STMicroelectronics AN2123 Datasheet HTML 11Page - STMicroelectronics AN2123 Datasheet HTML 12Page - STMicroelectronics AN2123 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AN2123
2-Level turn-off
9/15
Practical tests were made with 1200 V - 50 A IGBT modules Fuji 6MBI50S120L. The results shown in
Figure 14 point out how the 2-level turn-off feature can consistently reduce voltage stress on the IGBT in
the event of over-current.
During this test, the 50 A-rated IGBT module has to turn-off a 300 A current simulating an application
faulty condition.
The left-hand graph in Figure 14 shows a standard commutation. The driver OUT pin voltage is abruptly
pulled from 16 V to 0 V and the IGBT gate is discharged through the gate resistor. The fast turn-off of the
IGBT generates a voltage spike on Vce reaching 1kV, which is dangerously close to the IGBT absolute
maximum rating (1200 V). The calculated turn-off energy reaches 19 mJ.
The right-hand graph in Figure 14 shows how the TD351 and its 2-level turn-off feature can help deal with
this situation. During the first phase, the TD351 OUT pin is pulled from 16 V to 9 V during 2.5 µs. In the
second phase the OUT pin is pulled to 0 V. As a consequence, the IGBT turn-off is slightly longer and the
Vce voltage spike is advantageously reduced to 683 V. The calculated turn-off energy reaches 31 mJ,
but the resulting overheating can be more easily managed than the destruction of the IGBT by over-
voltage stress.
Figure 13. Waveforms of the 2-level turn-off function (COFF timing exaggerated for illustration)
Figure 14. Reduction of IGBT over-voltage stress using 2-level turn-off feature
Ic=300A
Vce=400V
overshoot 1kV
TD351 OUT
IGBT Vge
Ic=300A
Vce=400V
overshoot 683V
TD351 OUT
IGBT Vge
standard commutation
2-level turn-off w ith LVoff=9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com