Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2123 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2123
Description  Principles of operation and application
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2123 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2123 Datasheet HTML 7Page - STMicroelectronics AN2123 Datasheet HTML 8Page - STMicroelectronics AN2123 Datasheet HTML 9Page - STMicroelectronics AN2123 Datasheet HTML 10Page - STMicroelectronics AN2123 Datasheet HTML 11Page - STMicroelectronics AN2123 Datasheet HTML 12Page - STMicroelectronics AN2123 Datasheet HTML 13Page - STMicroelectronics AN2123 Datasheet HTML 14Page - STMicroelectronics AN2123 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Application schematic
AN2123
12/15
IGBT modules suitable for TD351 are indicated in bold. For the FP50R12KE3 and 6MBI75S-120
modules, the source (charging) peak current will be limited to 0.75 A in worst-case conditions instead of
the theoretical 0.8 A or 0.9 A peak values; this usually doesn’t affect the application performance.
An external buffer will be required for higher power applications.
A reference schematic is shown in Figure 17. It uses a bootstrap principle for the high-side driver supply.
A very simple voltage regulator is used in front of the TD351 high-side driver. In this way, the bootstrap
supply voltage can be made significantly higher than the target driver supply, and the voltage across the
Cb bulk capacitor can exhibit large voltage variations during each cycle with no impact on the driver
operation.
Gate resistor Rg depends on the IGBT. It should be noted that the applications only use two supplies
referenced to the ground level.
Table 1.
Recommended gate resistors
Eupec:
FPxxR12KE3
15
25
40
50
75
A
Rgate
75
36
27
18
5
Ω
Ipeak
0.2
0.4
0.55
0.8
3A
Fuji:
6MBIxxS-120
10
15
25
35
50
75
100
A
Rgate
120
82
51
33
24
16
12
Ω
Ipeak
0.12
0.2
0.3
0.45
0.6
0.9
1.3
A
App. Power
1.5
234
57
11
15
kW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com