Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2123 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2123
Description  Principles of operation and application
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2123 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2123 Datasheet HTML 1Page - STMicroelectronics AN2123 Datasheet HTML 2Page - STMicroelectronics AN2123 Datasheet HTML 3Page - STMicroelectronics AN2123 Datasheet HTML 4Page - STMicroelectronics AN2123 Datasheet HTML 5Page - STMicroelectronics AN2123 Datasheet HTML 6Page - STMicroelectronics AN2123 Datasheet HTML 7Page - STMicroelectronics AN2123 Datasheet HTML 8Page - STMicroelectronics AN2123 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AN2123
Active Miller clamp
5/15
5 Active Miller clamp
The TD351 offers an alternative solution to the problem of Miller current in IGBT switching applications.
Traditional solutions to the Miller current problem are:
l to drive the IGBT gate to a negative voltage in OFF-state in order to increase the safety margin
l or, to implement an additional capacitor between the IGBT gate and collector as described in the left-
hand schematic in Figure 8)
The solution proposed by the TD351 uses a dedicated CLAMP pin to control the Miller current. When the
IGBT is off, a low impedance path is established between IGBT gate and emitter to carry the Miller
current, and the voltage spike on the IGBT gate is greatly reduced (see the right-hand schematic in
Figure 8). The CLAMP switch is open when the input is activated and is closed when the actual gate
voltage goes close to the ground level. In this way, the CLAMP function doesn’t affect the turn-off
characteristics, but simply keeps the gate at a low level during the entire off-time.
The main benefit is that negative supply voltage can be avoided in most cases, allowing for the use of a
bootstrap technique for the high-side driver supply, and a consistent cost reduction for the application.
In addition, the use of the active Miller clamp feature avoids the need to implement any additional
capacitors between the IGBT gate and the collector. Such capacitors would negatively affect the ability of
the driver to control turn-on and turn-off.
The test results shown in Figure 9 prove how the active Miller clamp results in a consistent reduction of
the voltage spike on IGBT gate.
The left-hand waveform shows the result of a 400 V switching with a 10 nF additional Gate to Emitter
capacitor to control the voltage spike on gate.
Figure 8. Active Miller Clamp: principles of operation
high dV/dt !
voltage spike on IGBT gate !
High-side
TD351
high dV/dt !
reduced voltage spike
Miller current
Miller current
active clamp
Low-side
TD351
High-side
driver
Low-side
driver
10R
10R
10nF
optional capacitor
implemented to
reduce voltage spike
no need for
additional
capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com