Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2123 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2123
Description  Principles of operation and application
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2123 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2123 Datasheet HTML 7Page - STMicroelectronics AN2123 Datasheet HTML 8Page - STMicroelectronics AN2123 Datasheet HTML 9Page - STMicroelectronics AN2123 Datasheet HTML 10Page - STMicroelectronics AN2123 Datasheet HTML 11Page - STMicroelectronics AN2123 Datasheet HTML 12Page - STMicroelectronics AN2123 Datasheet HTML 13Page - STMicroelectronics AN2123 Datasheet HTML 14Page - STMicroelectronics AN2123 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AN2123
Application schematic
11/15
7 Application schematic
The TD351 application design presented hereafter is based on the active Miller clamp concept. With this
function, the high-side driver can be supplied with a bootstrap system instead of using a floating positive/
negative supply. This concept is applicable to low- and medium-power systems, up to about 10 kW. Main
benefit of this is to reduce the global application cost by making the supply system simpler. Figures 16
shows the half bridge design concept using the TD35x.
It should be highlighted that the active Miller clamp is fully managed by the TD35x and doesn’t require any
special action from the system controller.
The TD351 is able to drive 1200 V IGBT modules up to 50 A or 75 A (depending on IGBT technology and
manufacturer). Key parameters to consider are the TD351 peak output current (0.75 A source / 1.0 A
sink) and the IGBT gate resistor.
The values of gate resistors should be chosen starting with the recommended values from the IGBT
manufacturer. Thanks to the active Miller clamp function, the gate resistor can be tuned independently
from the Miller effect, which normally puts some constraints on the gate resistor. The benefit is to optimize
the turn-on and turn-off behavior, especially regarding switching losses and EMI issues.
Table 1 shows the recommended gate resistors values from two major IGBT module manufacturers, and
the peak gate current (with a 15 V supply) required for 10 A to 100 A IGBT modules. Approximate
application power is indicated.
Figure 16. TD35x application concept
VH
VL
Rb
5
TD35x
OUT
CLAMP
24V
+
Cb
4.7u
VH
VL
TD35x
OUT
CLAMP
high side
IN
IN
4k7
15V
15V
Vreg
VREF
4k7
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com