Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2129 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2129
Description  DIMMING OF SUPER HIGH BRIGHTNESS LEDS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2129 Datasheet(HTML) 7 Page - STMicroelectronics

  AN2129 Datasheet HTML 1Page - STMicroelectronics AN2129 Datasheet HTML 2Page - STMicroelectronics AN2129 Datasheet HTML 3Page - STMicroelectronics AN2129 Datasheet HTML 4Page - STMicroelectronics AN2129 Datasheet HTML 5Page - STMicroelectronics AN2129 Datasheet HTML 6Page - STMicroelectronics AN2129 Datasheet HTML 7Page - STMicroelectronics AN2129 Datasheet HTML 8Page - STMicroelectronics AN2129 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/9
AN2129 APPLICATION NOTE
In Figure 10 the detail of output current is depicted, where the ripple during all the measure-
ment stayed below ±5mA, (i.e. less than 2%). And as mentioned above, if a less wavy output
is needed, bigger output capacitor should be used, but then a slower on and off edges will ap-
pear.
Efficiency of the converter is processed in Figure 11 and Figure 12, where it is showed that
more difference between input and output voltage or lower load current, causes lower efficien-
cy. For six LEDs in one serial string (voltage drop around 20Volts) and input voltage 25V the
efficiency was measured above 93%.
Figure 11. Efficiency vs. input voltage (@ 350mA output current)
70.0
75.0
80.0
85.0
90.0
95.0
100.0
0
5
10
15
20
25
30
Input Voltage [V]
1 LED
2 LEDs
3 LEDs
4 LEDs
5 LEDs
6 LEDs
Figure 12. Efficiency vs. number of LEDs
@ 25V
Figure 13. Output current variation
60
65
70
75
80
85
90
95
100
01
23
4
5
6
7
LEDs
300
310
320
330
340
350
360
012
3
4
5
6
7
LEDs
Increasing the number of LEDs in series in one string (on Figure 13) a lower output current can
be observed (for six LEDs it is 341mA instead of 350mA). That means less than 3% difference,
what should be still acceptable especially considering 5% precision of the current sensing am-
plifier in L6902D.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com