Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2129 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2129
Description  DIMMING OF SUPER HIGH BRIGHTNESS LEDS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2129 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2129 Datasheet HTML 1Page - STMicroelectronics AN2129 Datasheet HTML 2Page - STMicroelectronics AN2129 Datasheet HTML 3Page - STMicroelectronics AN2129 Datasheet HTML 4Page - STMicroelectronics AN2129 Datasheet HTML 5Page - STMicroelectronics AN2129 Datasheet HTML 6Page - STMicroelectronics AN2129 Datasheet HTML 7Page - STMicroelectronics AN2129 Datasheet HTML 8Page - STMicroelectronics AN2129 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AN2129 APPLICATION NOTE
2/9
In Figure 3 is the internal structure of the L6902D converter, the datasheet [3] should be re-
ferred for more details.
Figure 3. L6902D Block diagram (see [3] for details)
4 Application Board
An application board using the dimming principles described above has been designed and its
schematic is in Figure 5. There is only a single dimming input connector on the board; usable
for both dimming methods (either analog or PWM control can be used, as preferred). There
were made some changes compared to the application circuit presented in datasheet [3] al-
lowing this dimming. First of all, the sense resistor has been moved from higher voltage path
(coil output) to the lower one (output ground). Then three resistors were added (R4, R5 and
R6) for modifying the current sense feedback.
A signal between 0 and 3.3V should be used for analog (peak current) dimming. When the
dimming pin is grounded (0V) the maximum output current is provided (350mA) and vice versa
when 3.3V is applied to the pin, the current provided is zero and so the LED is off. There are
two more pins on the board: 3.3V reference voltage pin and ground pin (a jumper can be used
to connect the dimming pin to the ground pin for the maximum output). For the easiest way of
dimming just connect the 10k
Ω potentiometer between 3.3V and ground pins. The potentiom-
eter slider should be connected to the dimming pin (as it can be seen in Figure 4).
VREF
GOOD
3.8V
COMP
VFB
DRIVER
INHIBIT
+
-
1.235V
E/A
1.235V
THERMAL
SHUTDOWN
-
+
PWM
OSCILLATOR
OUT
Vcc
GND
Vref
SUPPLY
TRIMMING
FREQUENCY
SHIFTER
VOLTAGES
MONITOR
D
Q
CK
CURRENT LIMITING
PEAK TO PEAK
+
-
Current_E/A
Voltage_E/A
CS-
CS+



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com