Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2129 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2129
Description  DIMMING OF SUPER HIGH BRIGHTNESS LEDS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2129 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2129 Datasheet HTML 1Page - STMicroelectronics AN2129 Datasheet HTML 2Page - STMicroelectronics AN2129 Datasheet HTML 3Page - STMicroelectronics AN2129 Datasheet HTML 4Page - STMicroelectronics AN2129 Datasheet HTML 5Page - STMicroelectronics AN2129 Datasheet HTML 6Page - STMicroelectronics AN2129 Datasheet HTML 7Page - STMicroelectronics AN2129 Datasheet HTML 8Page - STMicroelectronics AN2129 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AN2129 APPLICATION NOTE
4/9
Figure 6. PCB layout
Table 1. Bill of materials
The calculation of the resistor current feedback network can look relatively complicated, but
with few simplifications it becomes easy to take in. First assumption is that all the current flows
only through the Rsense (i.e. neglecting voltage drop on the resistors R4,R5 and R6); the value
of Rsense is defined by the output current and the threshold voltage on CS+ pin (100mV). Un-
fortunately this calculation will give uncommon values (e.g. for 350mA it gives 0.2857
Ω) thus
the nearest higher standard (e.g. E24 series) value for Rsense should be selected (e.g. 0.33
Ω)
and then the difference between ideal and standard value is compensated by R4, R5 and R6
to receive precise output current.
The application is shifting between two limit states with dimming; maximum current (zero dim-
ming voltage) and zero current (full dimming voltage). In Figure 7, the dimming network with
grounded dimming input (Equation 1 describes the circuit) is shown, it means when the current
flowing through the LED is on its maximum (i.e. 350mA on this board).
Type
Reference
Part
Supplier Order Code
Ceramic Capacitor
C1
10uF
N/A
Tantal Capacitor
C2
10µF; 35V
N/A
Capacitor SMD 0805
C3
22nF
N/A
Capacitor SMD 0805
C4
220pF
N/A
Schotky Diode
D1
STPS340U
STMicroelectronics
Connector
J1
8 -24V
N/A
Connector
J2
Output
N/A
Connector
J3
3.3V Vref
N/A
Connector
J4
Dimming Input
N/A
Connector
J6
GND
N/A
Coil
L1
100µH; 1.2A; 0.33
Ω
Würth Elektronik 744 562 0
Resistor SMD 2010
Rsense
0.33
N/A
Resistor SMD 0805
R1
9k1
N/A
Resistor SMD 0805
R2
5k1
N/A
Resistor SMD 0805
R3
510
N/A
Resistor SMD 0805
R4
1k
N/A
Resistor SMD 0805
R5
8k2
N/A
Resistor SMD 0805
R6
27k
N/A
Converter
U1
L6902D
STMicroelectronics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com