Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2129 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2129
Description  DIMMING OF SUPER HIGH BRIGHTNESS LEDS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2129 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2129 Datasheet HTML 1Page - STMicroelectronics AN2129 Datasheet HTML 2Page - STMicroelectronics AN2129 Datasheet HTML 3Page - STMicroelectronics AN2129 Datasheet HTML 4Page - STMicroelectronics AN2129 Datasheet HTML 5Page - STMicroelectronics AN2129 Datasheet HTML 6Page - STMicroelectronics AN2129 Datasheet HTML 7Page - STMicroelectronics AN2129 Datasheet HTML 8Page - STMicroelectronics AN2129 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
AN2129 APPLICATION NOTE
Figure 4. Connecting the potentiometer for analog dimming
The second dimming method implemented on this board is a PWM control of average LED cur-
rent. This control needs a digital PWM signal (amplitude can be either 3.3V or 5V) between
dimming pin and ground pin. Then varying the duty cycle will change the LED brightness
(100% means LED off and 0% means LED fully on).
With the closer look on the application (Figure 5) it is noticeable that cathode of the LED must
not be connected to the ground of the circuit, because there is a sense resistor between cath-
ode and the ground. If by any accident, LED cathode is grounded, the current feedback loop
will be inactivated and the L6902D will set the maximum output voltage (as set by the voltage
divider R1 and R3) regardless the current which can eventually destroy the LED. Also care
must be taken on input voltage polarity together with output LED polarity. If the input polarity
is twisted, the whole IC could be damaged. While with the output polarity reversed, the board
itself cannot be damaged, but the LED will see the maximum voltage (as limited by the voltage
divider R1 and R3) in reverse direction.
Figure 5. Board schematic (order code STLEDDCDIM-EVAL1)
VCC
8
COMP
4
OUT
1
CS+
2
CS-
3
FB
5
U1
L6902D
R5
8k2
R6
27k
J4
Dimming Input
+
C1
10uF
25V
CERAMIC
C4
220pF
C3
22nF
R2
5k1
STPS34OU
D1
L1
100uH
+
C2
10uF
35V
R1
9k1
R3
510
J6 GND
J3
3.3V Vref
Rsense
0.33
1
2
J1
8 - 24V
1
2
J2
Output
R4 1k



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com