Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2683 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2683
Description  Compact dual output point of load converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2683 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2683 Datasheet HTML 5Page - STMicroelectronics AN2683 Datasheet HTML 6Page - STMicroelectronics AN2683 Datasheet HTML 7Page - STMicroelectronics AN2683 Datasheet HTML 8Page - STMicroelectronics AN2683 Datasheet HTML 9Page - STMicroelectronics AN2683 Datasheet HTML 10Page - STMicroelectronics AN2683 Datasheet HTML 11Page - STMicroelectronics AN2683 Datasheet HTML 12Page - STMicroelectronics AN2683 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
AN2683
Circuit description
9/38
For output 1 a
∆Vout of 2.5% of 1.8 VDC or 45 mV is used, thus:
Equation 5
This is a nonstandard value so a 47
µF is used.
For output 2 a
∆Vout of 2% of 1.0 VDC or 20 mV is used:
Equation 6
As the formula indicates the capacitor value should be greater than that calculated. Even
though the board area is small, this section allows the use of ceramic capacitors that are
comprised of two 100
µF and one 47 µF all in parallel and which still fit in the required
footprint.
With these values of capacitors the ripple voltage can be checked. This is dominated by the
equivalent series resistance (ESR) of the capacitors. The ESR must be equal or less than
the value calculated by:
Equation 7:
where Vr is the output ripple voltage and Ir is the inductor ripple current. The ESR for the
capacitors is given in their datasheets at the frequency they are used at as shown in the
graphs. The value is basically the same at both 300 and 400 kHz. For the 47
µF the ESR is
2 m
Ω and for the 100 µF it is 1.5 mΩ. With these values we can calculate the ripple voltage
Vr by:
Equation 8:
46.2
µF
6.8
µH2.5
()2
⋅
212
1.8
–
() 0.045
⋅⋅
----------------------------------------------------------
>
175
µF
0.7
µH
10.5
()2
⋅
212
1.0
–
() 0.020
⋅⋅
----------------------------------------------------------
>
ESR
V
r
I
r
-----
≤
V
r
I
r
ESR
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com