Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2683 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2683
Description  Compact dual output point of load converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2683 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2683 Datasheet HTML 24Page - STMicroelectronics AN2683 Datasheet HTML 25Page - STMicroelectronics AN2683 Datasheet HTML 26Page - STMicroelectronics AN2683 Datasheet HTML 27Page - STMicroelectronics AN2683 Datasheet HTML 28Page - STMicroelectronics AN2683 Datasheet HTML 29Page - STMicroelectronics AN2683 Datasheet HTML 30Page - STMicroelectronics AN2683 Datasheet HTML 31Page - STMicroelectronics AN2683 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Functional testing
AN2683
28/38
The graphs in Figure 14 and 15 show that the 1.8 V output has better efficiency than the 1.0
V output, in the high eighties at high current levels. Along with the efficiency measurements
further functional testing was conducted as outlined in the following sections.
4.1
Input/output voltage
The input voltage was swept from 10.2 to 16 VDC at the load levels indicated. The output
voltage was recorded at each level and did not vary more than 1 mV over the entire input
range. Input/output voltage at different load levels.
4.2
Ripple/noise voltage
The maximum peak to peak ripple voltage was measured at the load level indicated.
4.3
Load transient overshoot
The output load levels were varied in a stepwise fashion at the percentage and load levels
indicated. The maximum change in output voltage was recorded in the following
oscilloscope photographs.
Table 2.
1.0 VDC output
Load current
Output voltage
50 mA
0.998 VDC
7.5 A
1.019 VDC
10.5 A
1.027 VDC
Table 3.
1.8 VDC output
Load current
Output voltage
50 mA
1.792 VDC
1.8 A
1.794 VDC
2.5 A
1.794 VDC
Table 4.
1.0 VDC output
Load current
Ripple voltage p-p
10.5 A
25 mV
Table 5.
1.8 VDC output
Load current
Ripple voltage p-p
2.5 A
20 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com