Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2683 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2683
Description  Compact dual output point of load converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2683 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2683 Datasheet HTML 1Page - STMicroelectronics AN2683 Datasheet HTML 2Page - STMicroelectronics AN2683 Datasheet HTML 3Page - STMicroelectronics AN2683 Datasheet HTML 4Page - STMicroelectronics AN2683 Datasheet HTML 5Page - STMicroelectronics AN2683 Datasheet HTML 6Page - STMicroelectronics AN2683 Datasheet HTML 7Page - STMicroelectronics AN2683 Datasheet HTML 8Page - STMicroelectronics AN2683 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
AN2683
Main characteristics
5/38
1
Main characteristics
1.1
Input voltage range
1.2
Output ripple voltage
●
Output 1: 45 mV p-p at maximum output current
●
Output 2: 30 mV p-p at maximum output current
1.3
Switching frequency
●
Output 1: 1 - 300 kHz
●
Output 2: 2 - 400 kHz
1.4
Output overload/short circuit
●
Output 1: nominal trip level 3.37 A (135%)
●
Output 2: nominal trip level 13.65 A (130%)
Protection is latched. Power must be cycled to reset.
Table 1.
Input voltage range 10 - 16 VDC
Output
Nominal voltage VDC
Max. current amp
Regulation %(1)
1.
Regulation over entire line and load range
11.8
2.5
0.44
2
1.0
10.5
2.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com