Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2683 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN2683
Description  Compact dual output point of load converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2683 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN2683 Datasheet HTML 30Page - STMicroelectronics AN2683 Datasheet HTML 31Page - STMicroelectronics AN2683 Datasheet HTML 32Page - STMicroelectronics AN2683 Datasheet HTML 33Page - STMicroelectronics AN2683 Datasheet HTML 34Page - STMicroelectronics AN2683 Datasheet HTML 35Page - STMicroelectronics AN2683 Datasheet HTML 36Page - STMicroelectronics AN2683 Datasheet HTML 37Page - STMicroelectronics AN2683 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
AN2683
Bill of material
35/38
5
Bill of material
Table 12.
Part list
Part reference
Value / type
PCB footprint
Manufacturer
P/N
C1
0.1
µF 50 V X5R
SM_0805
Any
C2
0.1
µF 50 V X5R
SM_0805
Any
C3
0.1
µF 50 V X5R
SM_0805
Any
C4
0.22
µF 25 V X5R
SM_0805
Any
C5
4.7
µF 25 V X5R
SM_1210
Any
C6
10
µF 25 V X5R
SM_1206
Any
C7
10
µF 25 V X5R
SM_1206
Any
C8
10
µF 25 V X5R
SM_1206
Any
C9
1.8 nF 50 V X5R
SM_0805
Any
C10
1.8 nF 50 V X5R
SM_0805
Any
C11
330 pF 50 V NPO
SM_0603
Any
C12
22 pF 50 V NPO
SM_0603
Any
C13
330 pF 50 V NPO
SM_0603
Any
C14
22 pF 50 V NPO
SM_0603
Any
C15
100
µF 6.3 V X5R
SM_1210
TDK or equivalent
C3225X5ROJ107K
C16
47
µF 6.3 V X5R
SM_1206
TDK or equivalent
C3216X5ROJ476K
C17
100 pF 50 V NPO
SM_0603
Any
C18
0.1
µF 50 V X5R
SM_0805
Any
C19
100
µF 6.3 V X5R
SM_1210
TDK or equivalent
C3225X5ROJ107K
C20
47
µF 6.3 V X5R
SM_1206
TDK or equivalent
C3216X5ROJ476K
C21
4.7
µF 25 V X5R
SM_1210
Any
C22
1
µF 16 V X5R
SM_0603
Any
D1
BAT54A dual
Schottky
SOT-23
STMicroelectronics
BAT54A
D2
Open
DO-214AC
D3
Open
DO-214AC
L1
0.7
µH 17 A
Custom
Coilcraft
MLC1265-701MLB
L2
7.0
µH 4.35 A
Custom
Coilcraft
MSS1038-702NLB
Q1
STS12NH3LL
MOSFET
SO-8
STMicroelectronics
STS12NH3LL
Q2
STS25NH3LL
MOSFET
SO-8
STMicroelectronics
STS25NH3LL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com