Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2684 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2684
Description  The STEVAL-IFP006V1 demonstration board has been developed
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2684 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2684 Datasheet HTML 7Page - STMicroelectronics AN2684 Datasheet HTML 8Page - STMicroelectronics AN2684 Datasheet HTML 9Page - STMicroelectronics AN2684 Datasheet HTML 10Page - STMicroelectronics AN2684 Datasheet HTML 11Page - STMicroelectronics AN2684 Datasheet HTML 12Page - STMicroelectronics AN2684 Datasheet HTML 13Page - STMicroelectronics AN2684 Datasheet HTML 14Page - STMicroelectronics AN2684 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AN2684
IFP006V1 demonstration board description
Doc ID 14266 Rev 1
11/21
4.4
IFP006V1 thermal management
The IFP006V1 PCB has two heatsinks: approximately 1 sq. cm on the top layer and 3 sq.
cm on the bottom layer, thermally interconnected through 9 vias, as shown in Figure 8.
In a steady state condition low RDS(on) ensures a very low dissipation but in current
limitation and in fast demagnetization, the power dissipation is much higher, requiring a low
thermal resistance through the device exposed tab, soldering space, top layer, vias and
bottom layer path. A 35 µm copper (10 oz/sq. ft) thickness and 0.3 mm diameter for the vias
are used according to EIA/JESD51-5.
Figure 8.
IFP006V1 PCB copper heatsink
Figure 9 and 11 show the IFP006V1 temperature map with all channels permanently
switched ON, 48
Ω loads, 24 V supply voltage and ambient temperature of 25 °C. The IC
temperature increase is only about a few degrees.
Figure 10 and 12 show a similar map when the IC is cycling at 1 Hz, 50% duty cycle, 48
Ω
1.2 H loads, 24 V supply voltage and ambient temperature of 25 °C.
Figure 9.
Thermal map in steady state
condition
Figure 10.
Thermal map in demagnetization
condition (1 Hz repetitive cycling on
48
Ω 1.2 H load)
AM01851v1
AM01852v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com