Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2684 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2684
Description  The STEVAL-IFP006V1 demonstration board has been developed
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2684 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2684 Datasheet HTML 9Page - STMicroelectronics AN2684 Datasheet HTML 10Page - STMicroelectronics AN2684 Datasheet HTML 11Page - STMicroelectronics AN2684 Datasheet HTML 12Page - STMicroelectronics AN2684 Datasheet HTML 13Page - STMicroelectronics AN2684 Datasheet HTML 14Page - STMicroelectronics AN2684 Datasheet HTML 15Page - STMicroelectronics AN2684 Datasheet HTML 16Page - STMicroelectronics AN2684 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AN2684
IFP006V1 demonstration board description
Doc ID 14266 Rev 1
13/21
4.5.3
Burst immunity test
Table 3 gives the burst setup configuration adopted to perform this test.
Figure 13 below shows the standard timing waveform applied during the burst test.
Figure 13.
Burst timing waveform
Table 4 shows the results of an inherent burst test. Normal performance has been observed
when applying four different disturbance levels on the output ports and Vcc main voltage
power supply.
Table 3.
Burst setup configuration
Test level
Condition
Pulse time rt
5 ns ± 30%
Pulse duration td
50 ns ± 30%
Source impedance
Zq = 50
Ω ± 20%
Polarity
Positive / negative
Burst duration (td)
15 ms ± 20%
Burst frequency (f)
5 kHz
Burst period (tr)
300 ms ± 20%
Duration time (T)
5 min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com